Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD95831MUV Datasheet(PDF) 26 Page - Rohm

Part # BD95831MUV
Description  7.5V to 15V, 3A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95831MUV Datasheet(HTML) 26 Page - Rohm

Back Button BD95831MUV Datasheet HTML 18Page - Rohm BD95831MUV Datasheet HTML 19Page - Rohm BD95831MUV Datasheet HTML 20Page - Rohm BD95831MUV Datasheet HTML 21Page - Rohm BD95831MUV Datasheet HTML 22Page - Rohm BD95831MUV Datasheet HTML 23Page - Rohm BD95831MUV Datasheet HTML 24Page - Rohm BD95831MUV Datasheet HTML 25Page - Rohm BD95831MUV Datasheet HTML 26Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2014 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


Similar Part No. - BD95831MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95830MUV ROHM-BD95830MUV Datasheet
149Kb / 5P
   Silicon Monolithic Integrated Circuit
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results

Similar Description - BD95831MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
   7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A301MUV-LB ROHM-BDF9A301MUV-LB Datasheet
2Mb / 36P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A300MUV ROHM-BD9A300MUV Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD8312HFN ROHM-BD8312HFN_15 Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com