Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE64 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE64
Description  Silicon NPN Transistor UHF High Speed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE64 Datasheet(HTML) 1 Page - NTE Electronics

  NTE64 Datasheet HTML 1Page - NTE Electronics NTE64 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE64
Silicon NPN Transistor
UHF High Speed Switch
Description:
The NTE64 is a silicon NPN high frequency transistor designed primarily for use in high–gain, low
noise small–signal amplifiers and applications requiring fast switching times.
Features:
D High Current Gain–Bandwidth Product: fT = 4.5GHz Typ @ IC = 15mA
D Low Noise Figure: NF = 2dB Typ @ f = 1GHz
D High Power Gain: Gpe = 10dB Min @ f = 1GHz
D Third Order Intercept: +23dBm Typ
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation (TC = +25°C), PD
0.375W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
3.3mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
300
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, IB = 0
15
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 0.1mA, IE = 0
25
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 0.1mA, IC = 0
2
V
Collector Cutoff Current
ICBO
VCB = 15V, IE = 0
50
nA


Similar Part No. - NTE64

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
   Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
   Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
   Integrated Circuit Silicon Bilateral Switch (SBS)
More results

Similar Description - NTE64

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2337 NTE-NTE2337 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Speed Switch
NTE2313 NTE-NTE2313 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Speed Switch
NTE51 NTE-NTE51 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2348 NTE-NTE2348 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2327 NTE-NTE2327 Datasheet
20Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE2539 NTE-NTE2539 Datasheet
22Kb / 2P
   Silicon NPN Transistor High Voltage, High Speed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com