Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87724LH1 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87724LH1
Description  3.3V AnyRate MUX/DEMUX Up to 2.7GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724LH1 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87724LH1 Datasheet HTML 4Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 5Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 6Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 7Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 8Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 9Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 10Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 11Page - Micrel Semiconductor SY87724LH1 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SY87724L
FINAL
8
Micrel
Symbol
Parameter
Rating
Unit
V
CC
Power Supply Voltage
–0.5 to +3.8
V
V
I
Input Voltage
–0.5 to V
CC
(2)
V
I
OUT
ECL Output Current
—Continuous
50
mA
—Surge
100
T
store
Storage Temperature Range
–65 to +150
°C
T
A
Operating Temperature Range
–40 to +85
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions for extended
periods may affect device reliability.
2. The maximum value is specified at V
CC up to VCC = +6V.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
CC
Power Supply Voltage
3.15
3.3
3.45
V
I
CC
Power Supply Current
650
750
mA
V
CC = VCCA = 3.15V to 3.45V
DC ELECTRICAL CHARACTERISTICS(1)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
IN
Input HIGH Voltage
V
CC – 1.810
V
CC
V
V
ID
Input Voltage
0.2
——
V
Differential Swing(2)
I
IL
Input LOW Current
–0.5
——
µAV
IN = VIL(Min)
V
OH
Output HIGH Voltage
V
CC – 1.0
V
CC – 0.75
V
50
Ω to V
CC –2V
V
OL
Output LOW Voltage
V
CC – 1.55
V
CC – 1.25
V
50
Ω to V
CC –2V
V
OSW
Output Voltage
0.3
——
V
Differential Swing
V
CC = VCCA = 3.15V to 3.45V
HSPC DC ELECTRICAL CHARACTERISTICS(1)
NOTE:
1. Operating temperature range from –40
°C to +85°C.
NOTE:
1. Operating temperature range from –40
°C to +85°C.
2. This implies that the common mode range, V
CMR, goes from VIN(min) + VID/2 through VIN(max) - VID/2.


Similar Part No. - SY87724LH1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724LHEI MICREL-SY87724LHEI Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHEY MICREL-SY87724LHEY Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHG MICREL-SY87724LHG Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHI MICREL-SY87724LHI Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHI MICREL-SY87724LHI Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
More results

Similar Description - SY87724LH1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com