Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUB65P06-20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUB65P06-20
Description  P-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUB65P06-20 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUP/SUB65P06-20
Vishay Siliconix
Document Number: 70289
S-05111—Rev. C, 10-Dec-01
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0
25
50
75
100
125
150
175
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
20406080
100
0
1000
2000
3000
4000
5000
6000
0
102030
405060
0
20
40
60
80
100
0
20406080
100
0
40
80
120
160
200
0
2468
10
0
40
80
120
160
200
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
25
_C
125
_C
6 V
TC = –55_C
VDS = 30 V
ID = 65 A
VGS = 10, 9, 8 V
7 V
VGS = 10 V
VGS = 20 V
Ciss
Coss
Crss
TC = –55_C
25
_C
125
_C
5 V
4 V


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn