Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUB65P06-20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUB65P06-20
Description  P-Channel 60-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUB65P06-20 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUP/SUB65P06-20
Vishay Siliconix
Document Number: 70289
S-05111—Rev. C, 10-Dec-01
www.vishay.com
2-1
P-Channel 60-V (D-S), 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
–60
0.020
–65a
SUP65P06-20
SUB65P06-20
DRAIN connected to TAB
S
G
D
P-Channel MOSFET
TO-220AB
Top View
GD S
TO-263
S
G
Top View
D
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current
TC = 25_C
–65a
Continuous Drain Current
(TJ = 175_C)
TC = 125_C
ID
–39
Pulsed Drain Current
IDM
–200
A
Avalanche Current
IAR
–60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
TC = 25_C (TO-220AB and TO-263)
250d
Power Dissipation
TA = 125_C (TO-263)c
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
PCB Mount (TO-263)c
RthJA
40
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
0.6
Notes:
a.
Package limited.
b.
Duty cycle
v 1%.
c.
When mounted on 1” square PCB (FR-4 material).
d.
See SOA curve for voltage derating.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn