Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE26N50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STE26N50
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE26N50 Datasheet(HTML) 2 Page - STMicroelectronics

  STE26N50 Datasheet HTML 1Page - STMicroelectronics STE26N50 Datasheet HTML 2Page - STMicroelectronics STE26N50 Datasheet HTML 3Page - STMicroelectronics STE26N50 Datasheet HTML 4Page - STMicroelectronics STE26N50 Datasheet HTML 5Page - STMicroelectronics STE26N50 Datasheet HTML 6Page - STMicroelectronics STE26N50 Datasheet HTML 7Page - STMicroelectronics STE26N50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-case
Rthc-h
Thermal Resist ance Junct ion-case
Max
Thermal Resist ance Case-heatsink With Conduct ive
Grease Applied
Max
0.42
0.05
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1 mA
VGS = 0 V
500
V
IDSS
Zero Gate Volt age
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating x 0.8
Tc =125
oC
200
1
µA
mA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 200
nA
ON (
∗)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage VDS =VGS
ID =1 mA
2
4
V
RDS(on)
St atic Drain-source On
Resist ance
VGS =10V
ID =13 A
0.2
DYNAMIC
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS =15 V
ID =13 A
12
S
Ciss
Coss
Crss
I nput Capacitance
Output Capacit ance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS =0 V
6
1200
500
nF
pF
pF
SWITCHING ON
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =250 V
ID =13 A
RG =4.7
VGS =10 V
(see test circuit, figure 1)
60
80
ns
ns
(di/dt) on
Turn-on Current Slope
VDD = 400 V
ID =26 A
RG =4.7
VGS =10 V
(see test circuit, figure 3)
450
A/
µs
Qg
Total Gate Charge
VDD = 400 V
ID =26 A
VGS =10 V
275
nC
STE26N50
2/8


Similar Part No. - STE26N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
   N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
More results

Similar Description - STE26N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100N20 STMICROELECTRONICS-STE100N20 Datasheet
156Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE150N10 STMICROELECTRONICS-STE150N10 Datasheet
157Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE38N60 STMICROELECTRONICS-STE38N60 Datasheet
263Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
July 1993
STE36N50 STMICROELECTRONICS-STE36N50 Datasheet
250Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE36N50A STMICROELECTRONICS-STE36N50A Datasheet
160Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE250N06 STMICROELECTRONICS-STE250N06 Datasheet
330Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STE180N05 STMICROELECTRONICS-STE180N05 Datasheet
159Kb / 8P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com