Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD4A60S Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # STD4A60S
Description  Sensitive Gate Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STD4A60S Datasheet(HTML) 3 Page - SemiWell Semiconductor

  STD4A60S Datasheet HTML 1Page - SemiWell Semiconductor STD4A60S Datasheet HTML 2Page - SemiWell Semiconductor STD4A60S Datasheet HTML 3Page - SemiWell Semiconductor STD4A60S Datasheet HTML 4Page - SemiWell Semiconductor STD4A60S Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-50
0
50
100
150
10
1
10
2
10
3
V
+
GT3
V
+
GT1
V
-
GT1
V
-
GT3
Junction Temperature [
oC]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
95
100
105
110
115
120
125
130
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD(0.2V)
25 ℃
I+
GT3
25 ℃
I+
GT1
I -
GT1
I -
GT3
P
G(AV) (0.1W)
P
GM (1.5W)
V
GM (7V)
Gate Current [mA]
10
0
10
1
10
2
0
5
10
15
20
25
30
35
60Hz
50Hz
Time (cycles)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
10
-1
10
0
10
1
10
2
125
oC
25
oC
On-State Voltage [V]
STD4A60S
3/5
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
Fig 3. On State Current vs.
Maximum Power Dissipation
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Surge On-State Current Rating
( Non-Repetitive )
Fig 6. Gate Trigger Voltage vs.
Junction Temperature
θ
θ
2
π
360°
π
θ : Conduction Angle
θ
θ
2
π
360°
π
θ : Conduction Angle


Similar Part No. - STD4A60S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
STD4 COOPER-STD4 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Visual Communications C...
STD400BLK VCC-STD400BLK Datasheet
67Kb / 1P
   STD
logo
Sirectifier Semiconduct...
STD40G08S SIRECTIFIER-STD40G08S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
STD40G12S SIRECTIFIER-STD40G12S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
STD40G14S SIRECTIFIER-STD40G14S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
More results

Similar Description - STD4A60S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com