Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT-1201 Datasheet(PDF) 1 Page - Soberton Inc.

Part # WT-1201
Description  THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

WT-1201 Datasheet(HTML) 1 Page - Soberton Inc.

  WT-1201 Datasheet HTML 1Page - Soberton Inc. WT-1201 Datasheet HTML 2Page - Soberton Inc. WT-1201 Datasheet HTML 3Page - Soberton Inc. WT-1201 Datasheet HTML 4Page - Soberton Inc. WT-1201 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: WT-1201
PRODUCT: Electromagnetic Buzzer
EDITION: A/2016
THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
SPECIFICATION
item
unit
specification
condition
oscillation frequency
Hz
2400
Vo-p=1/2 duty, square wave
operating voltage
Vo-p
1 ~ 2
rated voltage
Vo-p
1.5
current consumption
mA
35
At rated voltage
sound pressure pevel
dB
85
At 10cm at rated voltage
coil resistance
Ω
16 ± 4
operating temperature
oC
-30 ~ +70
storage temperature
oC
-20 ~ +85
dimension
mm
φ12.0×H9.5
See appearance drawing.
weight (max)
gram
2.0
housing material
PBT
leading pin
Pin type (Tin plated brass)
See appearance drawing
environmental protection
regulation
RoHS
RELIABILITY TEST
item
test condition and requirement
high temperature
test (storage)
After being placed in a chamber with 80±2ºC for 96 hours and then being
placed in normal condition for 2 hours.
Allowable variation of SPL after test: ±10dB.
low temperature
test (storage)
After being placed in a chamber with -30±2ºC for 96 hours and then being
placed in normal condition for 2 hours.
Allowable variation of SPL after test: ±10dB.
humidity test
After being Placed in a chamber with 90-95% R.H. at 40±2ºC for 96 hours and
then being placed in normal condition for 2 hours.
Allowable variation of SPL after test: ±10dB.
temperature cycle test
The part will be subjected to 5 cycles. One cycle shall be consist of:
PAGE 1/5
Allowable variation of SPL after test: ±10dB.
-20ºC
-25ºC
-70ºC
-25ºC


Similar Part No. - WT-1201

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
WT-1201 SOBERTON-WT-1201 Datasheet
133Kb / 2P
   Washable Type
More results

Similar Description - WT-1201

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-0903A SOBERTON-GT-0903A_17 Datasheet
345Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1606S SOBERTON-WST-1606S_16 Datasheet
253Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1212S SOBERTON-WST-1212S_16 Datasheet
225Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1205S SOBERTON-WST-1205S_16 Datasheet
320Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-0503 SOBERTON-ST-0503_17 Datasheet
367Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com