Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCM21BR72A103KA37 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # GCM21BR72A103KA37
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A103KA37 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button GCM21BR72A103KA37 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
3.Applied Voltage
1. Do not apply a voltage to the capacitor that exceeds the rated voltage as called-out in the specifications.
1-1. Applied voltage between the terminals of a capacitor shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage, the zero-to-peak voltage shall not exceed the rated
DC voltage. When AC voltage or pulse voltage is applied, the peak-to-peak voltage shall not exceed
the rated DC voltage.
(2) Abnormal voltages (surge voltage, static electricity, pulse voltage, etc.) shall not exceed the rated DC
voltage.
Typical voltage applied to the DC capacitor
DC voltage
DC voltage+AC
AC voltage
Pulse voltage
(E:Maximum possible applied voltage.)
1-2. Influence of overvoltage
Overvoltage that is applied to the capacitor may result in an electrical short circuit caused by the
breakdown of the internal dielectric layers .
The time duration until breakdown depends on the applied voltage and the ambient temperature.
4. Applied Voltage and Self-heating Temperature
1. When the capacitor is used in a high-frequency voltage, pulse voltage, application, be sure to take into account
self-heating may be caused by resistant factors of the capacitor.
1-1. The load should be contained to the level such that when measuring at atomospheric temperature of 25℃,
the product's self-heating remains below 20℃ and surface temperature of the capacitor in the actual circuit
remains wiyhin the maximum operating temperature.
Caution
E
E
E
E
0
0
0
0
!
JEMCGC-2702N
13


Similar Part No. - GCM21BR72A103KA37

ManufacturerPart #DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104K MURATA-GCM21BR72A104K Datasheet
38Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7R 0.1關F 100V
GCM21BR72A104KA37 MURATA-GCM21BR72A104KA37 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
Murata Manufacturing Co., Ltd
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA1-GCM21BR72A104KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
Infineon Technologies AG
Infineon Technologies A...
GCM21BR72A104KA37K INFINEON-GCM21BR72A104KA37K Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104KA37L MURATA-GCM21BR72A104KA37L Datasheet
729Kb / 44P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GCM21BR72A103KA37

ManufacturerPart #DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM188R71H332JA37 MURATA-GCM188R71H332JA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM216R71H222KA37 MURATA-GCM216R71H222KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BC72A105KE36 MURATA-GCM21BC72A105KE36 Datasheet
807Kb / 28P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM188R71H393KA55 MURATA-GCM188R71H393KA55 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BR71C474KA37 MURATA-GCM21BR71C474KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H332JA16 MURATA-GCM2165C1H332JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H681JA16 MURATA-GCM2165C1H681JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM188R71H123KA37 MURATA-GCM188R71H123KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H9R1DA16 MURATA-GCM1885C1H9R1DA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GC355XD72J274KX05 MURATA-GC355XD72J274KX05 Datasheet
856Kb / 23P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM1885C1H3R9CA16 MURATA-GCM1885C1H3R9CA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com