Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCM21BR72A103KA37 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part No. GCM21BR72A103KA37
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A103KA37 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GCM21BR72A103KA37 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Temperature
Compensating Type
High Dielectric Type
18 Board Flex
Appearance
No marking defects
Solder the capacitor on the test jig (glass epoxy board) shown in
Fig1 using a eutectic solder. Then apply a force in the direction
shown in Fig 2 for 5±1sec. The soldering should be done by the
reflow method and should be conducted with care so that the
Capacitance
Within ±5.0% or ±0.5pF
R7/L8/R9: Within ±10.0%
soldering is uniform and free of defects such as heat shock.
Change
(Whichever is larger)
Q/D.F.
30pFmin. : Q≧1000
R7/L8 : W.V.: 25Vmin.: 0.025 max.
30pFmax.: Q ≧400+20C
W.V.: 16V/10V : 0.035max.
C: Nominal Capacitance(pF) R9 : 0.05max.
I.R.
More than 10,000M
Ω or 500Ω ・F
(Whichever is smaller)
19 Terminal
Appearance
No marking defects
Solder the capacitor to the test jig (glass epoxy board) shown in
Strength
Fig.3 using a eutectic solder. Then apply *18N force in parallel with
Capacitance
Within specified tolerance
the test jig for 60sec.
Change
The soldering should be done either with an iron or using the reflow
Q/D.F.
30pFmin. : Q≧1000
R7/L8 : W.V.: 25Vmin.: 0.025 max.
method and should be conducted with care so that the soldering is
30pFmax.: Q ≧400+20C
W.V.: 16V/10V : 0.035max.
uniform and gree of defects such as heat shock
C: Nominal Capacitance(pF) R9 : 0.05max.
I.R.
More than 10,000M
Ω or 500Ω ・F
(Whichever is smaller)
(in mm)
20 Beam Load Test
Destruction value should be exceed following one.
Place the capacitor in the beam load fixture as Fig 4.
< Chip L dimension : 2.5mm max. >
Apply a force.
< Chip Length : 2.5mm max. >
< Chip L dimension : 3.2mm max. >
< Chip Length : 3.2mm min. >
Speed supplied the Stress Load : *0.5mm / sec.
*GCM03: 0.1mm/sec.
Chip thickness < 1.25mm rank : 15N
Chip thickness ≧1.25mm rank : 54.5N
Chip thickness > 0.5mm rank : 20N
Chip thickness ≦0.5mm rank : 8N
■AEC-Q200 Murata Standard Specification and Test Methods
No
AEC-Q200 Test Item
AEC-Q200 Test Method
Specification.
t : 1.6mm
Fig.3
Fig.4
*2N(GCM03/15)
(GCM03/15:0.8mm
Type
a
b
c
GCM03
0.3
0.9
0.3
GCM15
0.5
1.5
0.6
GCM18
0.6
2.2
0.9
GCM21
0.8
3.0
1.3
GCM31
2.0
4.4
1.7
GCM32
2.0
4.4
2.6
(in mm)
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
100
a
b
f4.5
Fig.1
Type
a
b
c
GCM03
0.3
0.9
0.3
GCM15
0.4
1.5
0.5
GCM18
1.0
3.0
1.2
GCM21
1.2
4.0
1.65
GCM31
2.2
5.0
2.0
GCM32
2.2
5.0
2.9
*2
4.0±0.1
0.05以下
*1
φ1.5+0.1
-0
t
*1,2:2.0±0.05
a
b
ランド
f4.5
c
Solder resist
Baked electrode or
Copper foil
t: 1.6mm
(GCM03/15: 0.8mm)
Iron Board
45
45
Flexure:≦2
(High Dielectric Type)
Capacitance meter
Pressurizing
speed:1.0mm/s
Pressurize
支持台
コンデンサ
45
45
Fig.2
Flexure:≦3
(Temperature
Compensating Type)
R4
20
114
L
0.6L
JEMCGS-0363S
5


Similar Part No. - GCM21BR72A103KA37

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104K MURATA-GCM21BR72A104K Datasheet
38Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7R 0.1關F 100V
GCM21BR72A104KA37 MURATA-GCM21BR72A104KA37 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
Murata Manufacturing Co., Ltd
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA1-GCM21BR72A104KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
Infineon Technologies AG
Infineon Technologies A...
GCM21BR72A104KA37K INFINEON-GCM21BR72A104KA37K Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104KA37L MURATA-GCM21BR72A104KA37L Datasheet
729Kb / 44P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GCM21BR72A103KA37

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM188R71H332JA37 MURATA-GCM188R71H332JA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM216R71H222KA37 MURATA-GCM216R71H222KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BC72A105KE36 MURATA-GCM21BC72A105KE36 Datasheet
807Kb / 28P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM188R71H393KA55 MURATA-GCM188R71H393KA55 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BR71C474KA37 MURATA-GCM21BR71C474KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H332JA16 MURATA-GCM2165C1H332JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H681JA16 MURATA-GCM2165C1H681JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM188R71H123KA37 MURATA-GCM188R71H123KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H9R1DA16 MURATA-GCM1885C1H9R1DA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GC355XD72J274KX05 MURATA-GC355XD72J274KX05 Datasheet
856Kb / 23P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM1885C1H3R9CA16 MURATA-GCM1885C1H3R9CA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz