Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCM21BR72A103KA37 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part No. GCM21BR72A103KA37
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM21BR72A103KA37 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GCM21BR72A103KA37 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM21BR72A103KA37 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Temperature
Compensating Type
High Dielectric Type
14 Thermal Shock
The measured and observed characteristics should satisfy the
Fix the capacitor to the supporting jig in the same manner and under
specifications in the following table.
the same conditions as (19). Perform the 300 cycles according to
Appearance
No marking defects
the two heat treatments listed in the following table(Maximum
Capacitance
Within ±2.5% or ±0.25pF
R7/L8/R9: Within ±10.0%
transfer time is 20 seconds). Set for 24±2 hours at room
Change
(Whichever is larger)
temperature, then measure
Q/D.F.
30pFmin. : Q≧1000
R7/L8 : W.V.: 25Vmin.: 0.025 max.*
30pFmax.: Q ≧400+20C
*0.05max:GCM188R71E/1H563 to 104
C: Nominal Capacitance(pF)
W.V.: 16V/10V : 0.035 max.
R9 : 0.05max
I.R.
More than 10,000MΩ or 500Ω・F
(Whichever is smaller)
・ Initial measurement for high dielectric constant type
Perform a heat treatment at 150+0/-10 ℃ for one hour and then set
for 24±2 hours at room temperature.
Perform the initial measurement.
15 ESD
Appearance
No marking defects
Per AEC-Q200-002
Capacitance
Within the specified tolerance
Change
Q/D.F.
30pFmin. : Q≧1000
R7/L8 : W.V.: 25Vmin.: 0.025 max.
30pFmax.: Q ≧400+20C
W.V.: 16V/10V :0.035 max.
C: Nominal Capacitance(pF)
R9 : 0.05max.
I.R.
More than 10,000MΩ or 500Ω・F
(Whichever is smaller)
16 Solderability
(a) Preheat at 155℃ for 4 hours. After preheating, immerse the
  capacitor in a solution of ethanol(JIS-K-8101) and rosin (JIS-K-
  5902) (25% rosin in weight propotion). Immerse in
 eutectic solder solution for 5+0/-0.5 seconds at 235±5℃.
(b) should be placed into steam aging for 8 hours±15 minutes.
  After preheating, immerse the capacitor in a solution of
  ethanol(JIS-K-8101) and rosin (JIS-K-5902) (25% rosin in weight
  propotion). Immerse in eutectic solder solution for 5+0/-0.5
  seconds at 235±5℃.
(c) should be placed into steam aging for 8 hours±15 minutes.
  After preheating, immerse the capacitor in a solution of
  ethanol(JIS-K-8101) and rosin (JIS-K-5902) (25% rosin in weight
  propotion). Immerse in eutectic solder solution for 120±5
seconds at 260±5℃.
17 Electrical
Appearance
No defects or abnormalities
Visual inspection.
Chatacteri- Capacitance
Within the specified tolerance
The capacitance/Q/D.F. should be measured at 25℃ at the
zation
Change
frequency and voltage shown in the table.
Q/D.F.
30pFmin. : Q≧1000
R7/L8 : W.V.: 25Vmin.: 0.025 max.
30pFmax.: Q ≧400+20C
W.V.: 16V/10V : 0.035 max.
C: Nominal Capacitance(pF)
R9 : 0.05max.
I.R. 25℃
More than 100,000MΩ or 1000Ω・F
More than 10,000MΩ or 500Ω・F
The insulation resistance should be measured with a DC voltage not
(Whichever is smaller)
(Whichever is smaller)
exceeding the rated voltage at 25℃ and 125℃(for
Δ C/R7)/ 150℃
(for 5G/L8/R9)within 2 minutes of charging.
I.R. 125℃
More than 10,000MΩ or 100Ω・F
More than 1,000MΩ or 10Ω・F
(Whichever is smaller)
(Whichever is smaller)
I.R. 150℃
More than 10,000MΩ or 100Ω・F
More than 1,000MΩ or 1Ω・F
(Whichever is smaller)
(Whichever is smaller)
Dielectric
No failure
No failure should be observed when 250% of the rated voltage is
Strength
applied between the terminations for 1 to 5 seconds, provided the
charge/ discharge current is less than 50mA.
95% of the terminations is to be soldered evenly and continuously.
■AEC-Q200 Murata Standard Specification and Test Methods
No
AEC-Q200 Test Item
AEC-Q200 Test Method
Specification.
Step
1
2
Temp.(℃)
-55+0/-3
125+3/-0
(forΔC/R7)
150+3/-0(for 5G/L8/R9)
Time
(min.)
15±3
15±3
Char.
Item
ΔC,5G
(1000 pF and below)
ΔC,5G
(more than 1000pF)
R7,R9,L8(C≦10μF)
Frequency
1±0.1MHz
1±0.1kHz
Voltage
0.5 to 5Vrms
1±0.2Vrms
JEMCGS-0363S
4


Similar Part No. - GCM21BR72A103KA37

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104K MURATA-GCM21BR72A104K Datasheet
38Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7R 0.1關F 100V
GCM21BR72A104KA37 MURATA-GCM21BR72A104KA37 Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
Murata Manufacturing Co., Ltd
Murata Manufacturing Co...
GCM21BR72A104KA37 MURATA1-GCM21BR72A104KA37 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
Infineon Technologies AG
Infineon Technologies A...
GCM21BR72A104KA37K INFINEON-GCM21BR72A104KA37K Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM21BR72A104KA37L MURATA-GCM21BR72A104KA37L Datasheet
729Kb / 44P
   Chip Monolithic Ceramic Capacitors for Automotive
More results

Similar Description - GCM21BR72A103KA37

ManufacturerPart No.DatasheetDescription
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
GCM188R71H332JA37 MURATA-GCM188R71H332JA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM216R71H222KA37 MURATA-GCM216R71H222KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BC72A105KE36 MURATA-GCM21BC72A105KE36 Datasheet
807Kb / 28P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM188R71H393KA55 MURATA-GCM188R71H393KA55 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BR71C474KA37 MURATA-GCM21BR71C474KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H332JA16 MURATA-GCM2165C1H332JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2165C1H681JA16 MURATA-GCM2165C1H681JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM188R71H123KA37 MURATA-GCM188R71H123KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H9R1DA16 MURATA-GCM1885C1H9R1DA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GC355XD72J274KX05 MURATA-GC355XD72J274KX05 Datasheet
856Kb / 23P
   Chip Monolithic Ceramic Capacitor for Automotive
GCM1885C1H3R9CA16 MURATA-GCM1885C1H3R9CA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz