Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HC164 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54HC164
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54HC164 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54HC164, SN74HC164
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SCLS115D – DECEMBER 1982 – REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC164
SN74HC164
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f
Clock frequency
2 V
6
4.2
5
MHz
fclock
Clock frequency
4.5 V
31
21
25
MHz
clock
6 V
36
25
28
t
Pulse duration
CLR low
2 V
100
150
125
ns
t
Pulse duration
CLR low
4.5 V
20
30
25
ns
tw
Pulse duration
6 V
17
25
21
ns
tw
Pulse duration
CLK high or low
2 V
80
120
100
ns
CLK high or low
4.5 V
16
24
20
6 V
14
20
18
t
Setup time before CLK
Data
2 V
100
150
125
ns
t
Setup time before CLK
Data
4.5 V
20
30
25
ns
tsu
Setup time before CLK
6 V
17
25
21
ns
tsu
Setup time before CLK
CLR inactive
2 V
100
150
125
ns
CLR inactive
4.5 V
20
30
25
6 V
17
25
21
t
Hold time, data after CLK
2 V
5
5
5
ns
th
Hold time, data after CLK
4.5 V
5
5
5
ns
h
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC164
SN74HC164
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
2 V
6
10
4.2
5
MHz
fmax
4.5 V
31
54
21
25
MHz
max
6 V
36
62
25
28
t
CLR
Any Q
2 V
140
205
295
255
ns
tPHL
CLR
Any Q
4.5 V
28
41
59
51
ns
PHL
6 V
24
35
51
46
ns
t
CLK
Any Q
2 V
115
175
265
220
ns
tpd
CLK
Any Q
4.5 V
23
35
53
44
pd
6 V
20
30
45
38
t
2 V
38
75
110
95
ns
tt
4.5 V
8
15
22
19
ns
t
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
135
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN541648-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC1648-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54LV164A8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN74ALS164A8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM54C1648-Bit Parallel-Out Serial Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74LS1648-Bit Parallel-Out Serial-In Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
MM54HC1668-Bit Parallel In/Serial Out Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
DM741648-Bit Serial In/Parallel Out Shift Registers 1 2 3 4 Fairchild Semiconductor
MM74C1648-Bit Parallel-Out Serial Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
54LS1648-Bit Serial In/Parallel Out Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn