Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44C251 Datasheet(PDF) 8 Page - Texas Instruments

Part # SMJ44C251
Description  262144 BY 4-BIT MULTIPORT VIDEO RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ44C251 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMJ44C251 Datasheet HTML 4Page - Texas Instruments SMJ44C251 Datasheet HTML 5Page - Texas Instruments SMJ44C251 Datasheet HTML 6Page - Texas Instruments SMJ44C251 Datasheet HTML 7Page - Texas Instruments SMJ44C251 Datasheet HTML 8Page - Texas Instruments SMJ44C251 Datasheet HTML 9Page - Texas Instruments SMJ44C251 Datasheet HTML 10Page - Texas Instruments SMJ44C251 Datasheet HTML 11Page - Texas Instruments SMJ44C251 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SMJ44C251B
262144 BY 4-BIT
MULTIPORT VIDEO RAM
SGMS058A – MARCH 1995 – REVISED JUNE 1995
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
random-access operation
The random-access operation functions are summarized in Table 2 and described in the following sections.
Table 2. Random-Access-Operation Functions
FUNCTION
RAS FALL
CAS
FALL
ADDRESS
DQ0 – DQ3
FUNCTION
CAS
TRG
W†
DSF
SE
DSF
RAS
CAS
RAS
CAS‡
W
CBR refresh
L
X
X
X
X
X
X
X
X
X
Load and use write mask,
Write data to DRAM
H
H
L
L
X
L
Row
Addr
Col
Addr
DQ
Mask
Valid
Data
Load and use write mask,
Block write to DRAM
H
H
L
L
X
H
Row
Addr
Blk Addr
A2 – A8
DQ
Mask
Col
Mask
Persistent write-per-bit,
Write data to DRAM
H
H
L
H
X
L
Row
Addr
Col
Addr
X
Valid
Data
Persistent write-per-bit,
Block write to DRAM
H
H
L
H
X
H
Row
Addr
Blk Addr
A2 – A8
X
Col
Mask
Normal DRAM read / write
(nonmasked)
H
H
H
L
X
L
Row
Addr
Col
Addr
X
Valid
Data
Block write to DRAM
(nonmasked)
H
H
H
L
X
H
Row
Addr
Blk Addr
A2 – A8
X
Col
Mask
Load write mask
H
H
H
H
X
L
Refresh
Addr
X
X
DQ
Mask
Load color register
H
H
H
H
X
H
Refresh
Addr
X
X
Color
Data
Legend:
H = High
L = Low
X = Don’t care
† In persistent write-per-bit function, W must be high during the refresh cycle.
‡ DQ0 – DQ3 are latched on the later of W or CAS falling edge.
Col Mask = H: Write to address/column location enabled
DQ Mask = H: Write to I/O enabled
enhanced page mode
Enhanced page-mode operation allows faster memory access by keeping the same row address while selecting
random column addresses. This mode eliminates the time required for row address setup-and-hold and
address multiplex. The maximum RAS low time and the CAS page cycle time used determine the number of
columns that can be accessed.
Unlike conventional page-mode operation, the enhanced page mode allows the SMJ44C251B to operate at a
higher data bandwidth. Data retrieval begins as soon as the column address is valid rather than when CAS
transitions low. A valid column address can be presented immediately after row-address hold time has been
satisfied, usually well in advance of the falling edge of CAS. In this case, data can be obtained after ta(C) max
(access time from CAS low), if ta(CA) max (access time from column address) has been satisfied.
refresh
There are three types of refresh available on the SMJ44C251B: RAS-only refresh, CBR refresh, and hidden
refresh.


Similar Part No. - SMJ44C251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
logo
Austin Semiconductor
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HJM AUSTIN-SMJ44C251B-10HJM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HMM AUSTIN-SMJ44C251B-10HMM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10JDM AUSTIN-SMJ44C251B-10JDM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
More results

Similar Description - SMJ44C251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M44258BP MITSUBISHI-M5M44258BP Datasheet
1Mb / 18P
   STATIC COLUMN MODE 1048576-BIT (262144-WORD BY 4-BIT) DYNAMIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com