Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG05C60 Datasheet(PDF) 1 Page - SanRex Corporation

Part # SMG05C60
Description  THYRISTOR(Through Hole)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SMG05C60 Datasheet(HTML) 1 Page - SanRex Corporation

  SMG05C60 Datasheet HTML 1Page - SanRex Corporation SMG05C60 Datasheet HTML 2Page - SanRex Corporation SMG05C60 Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMG05C60
(Sensitive Gate)
THYRISTOR(Through Hole)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
VRRM
Repetitive Peak Reverse Voltage
600
V
Symbol
Item
Reference
Ratings
0.78
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Single phase, half wave, 180
°
, conduction, Ta
=39℃
VRSM
Non-Repetitive Peak Reverse Voltage
720
V
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
0.5
A
Single phase, half wave, 180
°
, conduction, Ta
=39℃
50/60Hz, 1
2 cycle Peak value, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage
(Forward)
A
18/20
A
1.65
0.5
A2S
W
0.1
Tj
Operating Junction Temperature
Tstg
Storage Temperature
Mass
0.3
W
A
6
V
VRGM
Peak Gate Voltage
(Reverse)
6
V
−40∼+125
−40∼+150
0.2
g
■Electrical Characteristics
IDRM
Repetitive Peak Off-State Current
0.5
Min.
Typ.
Max.
0.5
1.2
100
0.8
0.2
300
150
mA
Symbol
Item
Reference
Ratings
Unit
VGT
Gate Trigger Voltage
VGD
Non-Trigger Gate Voltage
Tj
=125℃, VD=VDRM, RGK=1kΩ
IRRM
Repetitive Peak Reverse Current
mA
Tj
=125℃, VR=VRRM, RGK=1kΩ
VTM
Peak On-State Voltage
V
IT
=1.5A, Inst. measurement
IGT
Gate Trigger Current
μA
VD
=6V, RL=100Ω
Tj
=125℃, VD12VDRM, RGK=1kΩ
IH
Holding Current
Rthj-a
Thermal Resistance
V
V
Junction to ambient
μA
℃/W
5.0±0.2
4.0±0.2
0.45+-0.2
0.1
0.45
2.3±0.2
+
-
0.2
0.1
2.50+-0.6
0.2
2.50+-0.6
0.2
12
3
1 Gate
2 A
3 K
1
3
2
Unit
mm
Identifying Code
S05C6
TO-92
Thyristor SMG05C60 is designed for full wave AC control applications.
It can be used as an ON/OFF function or for phase control operation.
Typical Applications
Home Appliances : Electric Blankets, Starter for FL, other control applications
Industrial Use
: SMPS, Solenoid for Breakers, Motor Controls, Heater
Controls, other control applications
Features
IT(AV)=0.5A
High Surge Current
Low Voltage Drop
SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com


Similar Part No. - SMG05C60

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SMG05C60 KERSEMI-SMG05C60 Datasheet
628Kb / 3P
   Thyristor
logo
SanRex Corporation
SMG05C60A SANREX-SMG05C60A Datasheet
459Kb / 2P
   THYRISTOR(Surface Mount Device/Non-isolated)
logo
Kersemi Electronic Co.,...
SMG05C60A KERSEMI-SMG05C60A Datasheet
835Kb / 2P
   Thyristor
More results

Similar Description - SMG05C60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SMG16C60F SANREX-SMG16C60F Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG12C60F SANREX-SMG12C60F Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG5C60F SANREX-SMG5C60F Datasheet
467Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG8C60F SANREX-SMG8C60F Datasheet
463Kb / 3P
   THYRISTOR(Through Hole/Isolated)
SMG5C60C SANREX-SMG5C60C Datasheet
461Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG16C60 SANREX-SMG16C60 Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG3D60C SANREX-SMG3D60C Datasheet
464Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG5D60C SANREX-SMG5D60C Datasheet
462Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG12C60 SANREX-SMG12C60 Datasheet
461Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
SMG2D60C SANREX-SMG2D60C Datasheet
463Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com