Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCD21BR72A103KA01 Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # GCD21BR72A103KA01
Description  Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCD21BR72A103KA01 Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button GCD21BR72A103KA01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GCD21BR72A103KA01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
3. Board Design
When designing the board, keep in mind that the amount of strain which occurs will increase depending on the size
and material of the board.
2.Adhesive Application
1. Thin or insufficient adhesive can cause the chips to loosen or become disconnected during flow soldering.
The amount of adhesive must be more than dimension c, shown in the drawing at right, to obtain the correct bonding
strength. The chip's electrode thickness and land thickness must also be taken into consideration.
2. Low viscosity adhesive can cause chips to slip after mounting. The adhesive must have a viscosity of
5000Pa • s (500ps) min. (at 25℃)
3. Adhesive Coverage
Size (L×W) (in mm)
Adhesive Coverage*
1.6 × 0.8
0.05mg min.
2.0 × 1.25
0.1mg min.
3.2 × 1.6
0.15mg min.
*Nominal Value
3.Adhesive Curing
1. Insufficient curing of the adhesive can cause chips to disconnect during flow soldering and causes
deterioration in the insulation resistance between the terminations due to moisture absorption.
Control curing temperature and time in order to prevent insufficient hardening.
4.Flux (for Flow soldering)
1. An excessive amount of flux generates a large quantity of flux gas, which can cause a deterioration of solderability,
so apply flux thinly and evenly throughout. (A foaming system is generally used for flow solderring.)
2. Flux containing too high a percentage of halide may cause corrosion of the terminations unless there is
sufficient cleaning. Use flux with a halide content of 0.1% max.
3. Do not use strong acidic flux.
4. Do not use water-soluble flux.*
(*Water-soluble flux can be defined as non-rosin type flux including wash-type flux and non-wash-type flux.)
Notice
Land
Adhesive
Board
Chip Capacitor
a
b
c
a=20 to
70μm
b=30 to
35μm
c=50 to 105
μm
Relationship with amount of strain to the board thickness, length, width, etc.]
ε=
3PL
2Ewh
2
Relationship between load and strain
When the load is constant, the following relationship can be established.
· As the distance between the supporting points (L) increases,the amount of
strain also increases.
→Reduce the distance between the supporting points.
· As the elastic modulus (E) decreases, the amount of strain increases.
→Increase the elastic modulus.
· As the board width (w) decreases, the amount of strain increases.
→Increase the width of the board.
· As the board thickness (h) decreases, the amount of strain increases.
→Increase the thickness of the board.
Since the board thickness is squared, the effect on the amount of strain becomes even greater.
ε:Strain on center of board (μst)
L:Distance between supporting points (mm)
w :Board width (mm)
h :Board thickness (mm)
E :Elastic modulus of board (N/m
2=Pa)
Y :Deflection (mm)
P :Load (N)
Y
P
h
w
L
JEMCGC-2702Q
25


Similar Part No. - GCD21BR72A103KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD21BR72A103KA01 MURATA1-GCD21BR72A103KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCD21BR72A103KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD216R71H222KA01 MURATA1-GCD216R71H222KA01 Datasheet
752Kb / 28P
   Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
Jun.6,2016
logo
Murata Manufacturing Co...
GCM2195C1H102JA16 MURATA-GCM2195C1H102JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H3R9BA16 MURATA-GCM1885C1H3R9BA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H150FA16 MURATA-GCM1885C1H150FA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM216R71H222KA37 MURATA-GCM216R71H222KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM21BR71C474KA37 MURATA-GCM21BR71C474KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H9R1DA16 MURATA-GCM1885C1H9R1DA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM319R71H104KA37 MURATA-GCM319R71H104KA37 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H6R8BA16 MURATA-GCM1885C1H6R8BA16 Datasheet
754Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM1885C1H181JA16 MURATA-GCM1885C1H181JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com