Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLGSSTU32864 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SLGSSTU32864
Description  DDR2 Configurable Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLGSSTU32864 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SLGSSTU32864 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTU32864E
5
PRELIMINARY
Data is subject to change.
Mar 5, 2004
SLGSSTU32864 Terminal Description:
Function Table
TERMINAL
NAME
TYPE
DESCRIPTION
Q (1:25)
OUTPUT
Q-Outputs that are stopped by CSR & DCS control.
GND
GROUND
Ground
VDD
POWER
Supply voltage
D (1:25)
INPUT
D-Inputs latched in on the rising edge of CLK crossing falling edge of CLK
CLK
INPUT
Positive clock input
CLK
INPUT
Negative clock input
C0,C1
INPUT
Control inputs for register configurations: 1:1 , 1:2 A , 1:2 B
RESET
INPUT
Asynchronous reset (active low)
VREF
INPUT
Input reference voltage. Both inputs are internally connected together by 200
CSR, DCS
INPUT
Chip select control pins. Q1-Q25 outputs stopped when CSR & DCS=high
DODT
INPUT
D-input. This register not stopped by CSR & DCS control.
DCKE
INPUT
D-input. This register not stopped by CSR & DCS control.
QCS
OUTPUT
Q-Output. Not stopped by CSR & DCS control.
QODT
OUTPUT
Q-Output. Not stopped by CSR & DCS control.
QCKE
OUTPUT
Q-Output. Not stopped by CSR & DCS control.
NC
NC
No-connect. Ball present, but no internal connection to the die.
DNU
DNU
Do-not-use. Ball internally connected to the die and should be left open-circuit.
ZOL,ZOH
NC
Reserved for future use. Ball present, not electrically connected to the die.
Inputs
Outputs
RESET
DCS
CSR
CLK
CLK
Dn,DODT
, DCKE
Qn
QCS
QODT,
QCKE
H
L
L
L
L
L
L
H
L
L
H
H
L
H
H
L
L
L or H
L or H
X
Q0
Q0
Q0
H
L
H
L
L
L
L
H
L
H
H
H
L
H
H
L
H
L or H
L or H
X
Q0
Q0
Q0
H
H
L
L
L
H
L
H
H
L
H
H
H
H
H
H
L
L or H
L or H
X
Q0
Q0
Q0
H
H
H
L
Q0
H
L
H
H
H
H
Q0
H
H
H
H
H
L or H
L or H
X
Q0
Q0
Q0
L
X, or
Floating
X, or
Floating
X, or
Floating
X, or
Floating
X, or
Floating
L
L
L


Similar Part No. - SLGSSTU32864

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLGSSTVF16859 ETC1-SLGSSTVF16859 Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H ETC1-SLGSSTVF16859H Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H-TR ETC1-SLGSSTVF16859H-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V ETC1-SLGSSTVF16859V Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V-TR ETC1-SLGSSTVF16859V-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
More results

Similar Description - SLGSSTU32864

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com