Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SDT8018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SDT8018
Description  2.5Gbps Fiber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SDT8018 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 1 / 9 -
(SDT8018-T_-Q_)
Specification : TS-S97D010E
Nov, 1999
155.52Mb/s
622.08Mb/s
other
____________
Transmitter
Receiver
Transceiver
Short Haul
Long Haul
Intermediate Reach
Long Reach
Single 5.0 V
Single 3.3 V
other
____________
1.3 µm
1.55 µm
other
____________
(
2R /
3R )
(
2R /
3R )
other
____________
Technical Specification
for
2.5Gbps Fiber Optic Transmitter Module
SDT8018-T_-Q_
Sumitomo Electric reserves the right to make changes in this specification without prior notice.
2488.32Mbps
#
Safety Precaution
Symbols This specification uses various picture symbols to prevent possible injury to operator or
other persons or damage to properties for appropriate use of the product. The symbols and definitions are as shown below. Be sure to be
familiar with these symbols before reading this specification.
Warning Wrong operation without following this instruction may lead to human death or serious injury.
Caution Wrong operation without following this instruction may lead to human injury or property damage.
Example of picture symbols
indicates prohibition of actions. Action details are explained thereafter.
indicates compulsory actions or instructions. Action details are explained thereafter.
L-16.1 / LR-1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SDT8028Techncal Specification for 2.5Gbps Filber Optic Transmitter Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MOF-T3C5Fiber Optic Transmitter 1 2 3 4 Unity Opto Technology
KFO-TX13CBFiber Optic Transmitting Module 1 KODENSHI KOREA CORP.
TOTX176FIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 Toshiba Semiconductor
TOTX194FIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 MoreToshiba Semiconductor
TOTX170AFIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 MoreToshiba Semiconductor
MOF-T3C6Fiber Optic Transmitter 1 2 3 4 Unity Opto Technology
KFO-TX13SAFiber Optic Transmitting Module 1 KODENSHI KOREA CORP.
SFH756Plastic Fiber Optic Transmitter Diode Plastic Connector Housing 1 2 3 4 5 MoreInfineon Technologies AG
TORX173FIBER OPTIC RECEIVING MODULE 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn