Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SDT8018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. SDT8018
Description  2.5Gbps Fiber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SDT8018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 3 / 9 -
(SDT8018-T_-Q_)
Specification : TS-S97D010E
Nov, 1999
4. Pin Assignment
3. Package Dimension
Caution
Do not disassemble this product. Otherwise, failure, electrical shock, overheating or fire may occur.
Handle the lead pins carefully. Use assisting tools or prospective aids as required. A lead pin may injure skin or human body
Pin
Symbol
I/O
Level
Description
1
Vcc
+5V
Positive power supply (+5V)
2
Vcc
+5V
3
RFM(+)
O
Analog
Rear facet PD current monitor voltage (positive)
4
RFM(-)
O
Analog
Rear facet PD current monitor voltage (negative)
5
TDb
I
PECL
Differential data input (negative)
6
VTTD
Vcc-2V
Data input signal termination, Vcc-2V supply for DC PECL interface.
(AC GND)
Or pull down to GND via a capacitor for AC coupled interface.
7
TD
I
PECL
Differential data input (positive)
8
NC
No user connection
9
Vcc
+5V
Positive power supply (+5V)
10
Vcc
+5V
Positive power supply (+5V)
11
Vee
GND
Negative power supply (GND)
12
Vee
GND
Negative power supply (GND)
13
Vee
GND
Negative power supply (GND)
14
Vee
GND
Negative power supply (GND)
15
ALM
O
TTL
LD bias current alarm, normal low, active high
16
Disable
I
TTL
Transmitter disable input. Default (open) LOW and transmitter is enabled.
17
Selector
I
Signal input mode selector, clocked or non-clocked.
Default (open) LOW and clocked mode.
18
TCLK
I
PECL
Differential clock input (positive)
19
VTTC
Vcc-2V
Clock input signal termination, Vcc-2V supply for DC PECL interface.
(AC GND)
Or pull down to GND via a capacitor for AC coupled interface
20
TCLKb
I
PECL
Differential clock input (negative)
21
BM(-)
O
Analog
LD bias current monitor voltage (negative)
22
BM(+)
O
Analog
LD bias current monitor voltage (positive)
23
Vcc
+5V
Positive power supply (+5V)
24
Vcc
+5V
Positive power supply (+5V)
NC pins should left open for additional functions in the future
PIN13
PIN24
PIN1
PIN12
t=0.25
1.5
0.5
UNIT:mm
36.4
23.5
2.54PX11=27.94
14.4
600+/-50
4.2
Figure 2. Package Dimension
+0.2
-0.1
+0.1
-0.1
+0.5
-0.5
+0.1
-0.1
+0.3
-0.05
+0.2
-0.1
+0.1
-0.05
pin dimension


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SDT8028Techncal Specification for 2.5Gbps Filber Optic Transmitter Module 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MOF-T3C5Fiber Optic Transmitter 1 2 3 4 Unity Opto Technology
KFO-TX13CBFiber Optic Transmitting Module 1 KODENSHI KOREA CORP.
TOTX176FIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 Toshiba Semiconductor
TOTX194FIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 MoreToshiba Semiconductor
TOTX170AFIBER OPTIC TRANSMITTING MODULE 1 2 3 4 5 MoreToshiba Semiconductor
MOF-T3C6Fiber Optic Transmitter 1 2 3 4 Unity Opto Technology
KFO-TX13SAFiber Optic Transmitting Module 1 KODENSHI KOREA CORP.
SFH756Plastic Fiber Optic Transmitter Diode Plastic Connector Housing 1 2 3 4 5 MoreInfineon Technologies AG
TORX173FIBER OPTIC RECEIVING MODULE 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn