Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDB55N02 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SDB55N02
Description  N-Channel E nhancement Mode Field E ffect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDB55N02 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SDB55N02 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDB55N02 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDB55N02 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDB55N02 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDB55N02 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDB55N02 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =26A
0.9
1.3
V
a
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation
Temperature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
C iss
C oss
C rss
3000
2500
2000
1500
1000
500
0
0
10
5
15
20
25
30
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
V GS =10,9,8,7,6,5,4V
60
45
30
15
0
0
1
2
3
4
5
75
4
3
S DP /B 55N02
T J=125 C
6
V GS =3V
-55 C
25 C
-50 -25
0
25
50
75 100 125 150
1.60
1.40
1.20
1.00
0.80
0.60
0.40
ID=26A
V GS =10V
with
T j, J unction T emperature ( C )


Similar Part No. - SDB55N02

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDB55N03L SAMHOP-SDB55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
More results

Similar Description - SDB55N02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDB65N03 SAMHOP-SDB65N03 Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP60N03L SAMHOP-SDP60N03L Datasheet
519Kb / 6P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com