Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA25C020LEMLFFX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA25C020LEMLFFX
Description  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMLFFX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA25C020LEMLFFX Datasheet HTML 1Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMLFFX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This Data Sheet states Saifun's current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 1911 Rev: 0 Amendment: 0
Issue Date: 20 July 2003
SA25C020
Advanced
Information
Features
•= Saifun NROM™ Cell
•= Serial Peripheral Interface (SPI) Compatible,
Supports SPI Modes 0 (0,0) and 3 (1,1)
•= Byte and Page Write Operation:
1024 pages (256 Bytes/Page)
Single Byte or Page Write Cycle in 10ms Typical
•= Single Supply Voltage: 2.7V to 3.6V
•= 25MHz Clock Rate
•= Block Write Protection: Protect Quarter, Half or Entire Array
•= Write Protect Pin and Write Disable Instructions of Both
Hardware and Software Data Protection
•= 100,000 Erase Cycles (Minimum)
•= More than 20-Year Data Retention
•= Low-power Standby Current (less than 1µA)
•= 8-SOIC Narrow Package
•= MLF Leadless Package
•= Temperature Range:
Industrial: -40°C to +85°C
Commercial: 0°C to +70°C
2Mb EEPROM with
25MHz SPI Bus
Interface
http://www.saifun.com
Saifun NROM
TM is a trademark of Saifun Semiconductors Ltd.


Similar Part No. - SA25C020LEMLFFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

Similar Description - SA25C020LEMLFFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com