Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB-24-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSB-24-S
Description  Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSB-24-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSB-24-S Datasheet HTML 1Page - List of Unclassifed Manufacturers RSB-24-S Datasheet HTML 2Page - List of Unclassifed Manufacturers RSB-24-S Datasheet HTML 3Page - List of Unclassifed Manufacturers RSB-24-S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.shinmei-e.co.jp
Using Permanent Magnet, High sensitivity Two Poles Signal Relay
RSB RELAYS
1/4
SHINMEI ELECTRIC CO., LTD.
[]
Features
<>2 pole relay suitable for signal circuit.
<>High sensitive polarized relay.
100mW pick-up power. (200mW Electric power consumption)
<>150mW Electric power consumption available.
<>High reliability and long life.
1 x 108(mechanical life), 3 x 105(2A 30VDC electrical life)
<>High breakdown voltage.
1,500VAC Between coil and contact.
Actual size
1,000VAC Between open contacts.
<>Gold-clad Silver palladium contact available, too.
<>Sealed construction.
<>Approved by UL , CSA , BABT
[]
Applications
<>Switch board, Facsimile, Telephones
<>Audio equipment, Industrial machines
[]
UL , CSA Rating , BABT Approval Number
2A 30VDC , 1A120VAC (UL File No.E128155 , CSA File No.LR700170)
(BABT Certificate No.608150)
[]
Model Number
RSB
Nil
: Single side stable
L
: 2 coil latching
K
: 1 coil latching
Coil voltage(3,5,6,9,12,24,48VDC)
Nil
: Standard type
:400mW
S
: High sensitive type :200mW
[]
Products Line (Single side stable , Standard type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSB-3
3
22.5
133.3
4.6
RSB-5
5
62.5
80.0
7.7
RSB-6
6
90
66.7
9.3
RSB-9
9
203
44.3
14.0
RSB-12
12
360
33.3
18.7
RSB-24
24
1,440
16.7
37.4
RSB-48
48
70%
Max .of
nominal
voltage
10%
Min .of
nominal
voltage
5,760
8.3
400
74.8


Similar Part No. - RSB-24-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB-24-S ETC-RSB-24-S Datasheet
58Kb / 2P
   2 Pole relay suitable for signal circuits
logo
SHINMEI ELECTRIC CO., L...
RSB-24-S SHINMEI-RSB-24-S Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
More results

Similar Description - RSB-24-S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
RSB SHINMEI-RSB Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
logo
PIC GmbH
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
   Permanent Magnet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com