Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBP13009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SBP13009
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SBP13009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage ( VBE = 0 )
700
V
VCEO
Collector-Emitter Voltage ( IB = 0 )
400
V
VEBO
Emitter-Base Voltage ( IC = 0 )
9.0
V
IC
Collector Current
12
A
ICM
Collector Peak Current ( tP < 10 ms )
25
A
IB
Base Current
6.0
A
IBM
Base Peak Current ( tP < 10 ms )
12
A
PC
Total Dissipation at TC = 25 °C
100
W
TSTG
Storage Temperature
- 65 ~ 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction-to-Case
1.25
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
40
°C/W
SBP13009
Oct, 2002. Rev. 2
1/6
Features
- Very High Switching Speed (Typical 40ns@8.0A)
- Minimum Lot-to-Lot hFE Variation
- Low VCE(sat) (Typical 320mV@8.0A/1.6A)
- Wide Reverse Bias S.O.A
General Description
This device is designed for high voltage, high speed switching char-
acteristic required such as switching mode power supply.
High Voltage Fast-Switching NPN Power Transistor
2.Collector
3.Emitter
1.Base
Symbol
TO-220
SemiWell Semiconductor
1
2
3
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn