Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBP13009 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. SBP13009
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SBP13009 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
50
100
150
200
0
25
50
75
100
125
T
C, Case Temperature (
oC)
0
100
200
300
400
500
600
700
800
0
3
6
9
12
15
-3V
-1.5V
-5V
V
BE(off)
V
CE, Collector-Emitter Clamp Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 µs
10 µs
1ms
DC
V
CE, Collector-Emitter Clamp Voltage [V]
4/6
SBP13009
Fig 8. Reverse Biased Safe Operation
Areas
Fig 7. Safe Operation Areas
Fig 9. Power Derating Curve
Single Pulse
Notes :
TC ≤ 100 °C
Gain ≥ 4
LC = 0.5 mH


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn