Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBP13009 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. SBP13009
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

SBP13009 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBP13009 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBP13009 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBP13009 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBP13009 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBP13009 Datasheet HTML 5Page - List of Unclassifed Manufacturers SBP13009 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
02
4
6
8
10
12
14
10
100
1000
T
J = 25
oC
I
C, Collector Current [A]
0
1
2
3
4567
89
10
11
12
13
14
1
10
T
J = 25
oC
I
C, Collector Current [A]
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.1
1
10
0.01
0.1
1
10
T
J = 25
oC
T
J = 125
oC
I
C, Collector Current [A]
0.01
0.1
1
10
0
5
10
15
20
25
30
35
40
45
T
J = 125
oC
T
J = 25
oC
I
C, Collector Current [A]
0
1
2
3
456789
10
0
2
4
6
8
10
12
14
16
18
I
B = 200mA
I
B = 2000mA
I
B = 1600mA
I
B = 1200mA
I
B = 1000mA
I
B = 800mA
I
B = 600mA
I
B = 400mA
I
B = 0mA
V
CE, Collector-Emitter Voltage [V]
SBP13009
3/6
Fig 1. Static Characteristics
Fig 2. DC Current Gain
Fig 3. Collector-Emitter Saturation Voltage
Fig 4. Base-Emitter Saturation Voltage
Fig 5. Resistive Load Fall Time
Fig 6. Resistive Load Storage Time
Note :
hFE = 5
Note :
hFE = 5
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
Notes :
VCC = 125V
hFE = 5
IB1 = - IB2
Notes :
VCE = 5V
VCE = 1V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn