Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SBP13009 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SBP13009
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SBP13009 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICEV
Collector Cut-off Current
( VBE = - 1.5V )
VCE = 700V
VCE = 700V
TC = 100 °C
-
-
1.0
5.0
mA
VCEO(sus)
Collector-Emitter Sustaining Voltage
( IB = 0 )
IC = 10 mA
400
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5.0A
IB = 1.0A
IC = 8.0A
IB = 1.6A
IC = 12A
IB = 3.0A
IC = 8.0A
IB = 1.6A
TC = 100 °C
-
-
0.5
1.0
1.5
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 5.0A
IB = 1.0A
IC = 8.0A
IB = 1.6A
IC = 8.0A
IB = 1.6A
TC = 100 °C
--
1.2
1.6
1.5
V
hFE
DC Current Gain
IC = 5.0A
VCE = 5V
IC = 8.0A
VCE = 5V
10
6
-
30
30
ts
tf
Resistive Load
Storage Time
Fall Time
IC = 8.0A
VCC = 125V
IB1 = 1.6A
IB2 = - 1.6A
TP = 25
-
1.5
0.16
3.0
0.4
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 8.0A
IB1= 1.6A
VBE(off) = 5V
LC = 0.2mH
Vclamp = 300V
-
0.6
0.04
2.0
0.1
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 8.0A
IB1= 1.6A
VBE(off) = 5V
LC = 0.2mH
Vclamp = 300V
TC = 100 °C
-
0.8
0.05
2.5
0.15
SBP13009
2/6
Notes :
Pulse Test : Pulse width ≤ 300㎲, Duty cycle ≤ 2%


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn