Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82K-00724 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S82K-00724
Description  Switch mode Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K-00724 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S82K-00724 Datasheet HTML 1Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 2Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K-00724 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L-6
Switch mode Power Supply
S82K
Ordering Information
I List of Models
Note: 1. The output capacity of the S82K-03005 is 25 W.
2. The output current during parallel operation is 3.78 A.
3. The output current during parallel operation is 9 A.
4. Comply to EN61000-3-2 A14
I Accessories (Order Separately)
Power ratings
Output voltage
Output current
Function Configuration
Models
Output
Undervoltage
alarm indicator/
output
PFC
3 W
5 V
0.6 A
Single output
Yes
No
S82K-00305
12 V
0.25 A
S82K-00312
15 V
0.2 A
S82K-00315
24 V
0.13 A
S82K-00324
7.5 W
5 V
1.5 A
S82K-00705
12 V
0.6 A
S82K-00712
15 V
0.5 A
S82K-00715
24 V
0.3 A
S82K-00724
+V12/
−V12
0.3 A/0.2 A
Dual output
S82K-00727
+V15/
−V15
0.2 A/0.2 A
S82K-00728
15 W
5 V
2.5 A
Single output
S82K-01505
12 V
1.2 A
S82K-01512
24 V
0.6 A
S82K-01524
30 W
5 V
5.0 A
S82K-03005
(see note 1)
12 V
2.5 A
S82K-03012
24 V
1.3 A
S82K-03024
50 W
24 V
2.1 A
S82K-05024
90 W
24 V
3.75 A
Yes
S82K-P09024
No (see note 4)
S82K-09024
100 W
24 V
4.2 A
(see note 2)
Yes
S82K-P10024
No (see note 4)
S82K-10024
240 W
24 V
10 A
(see note 3)
No
S82K-24024T
No
Yes
S82K-P24024
No
S82K-24024
Mounting Track
50 cm (l)
× 7.3 mm (t)
PFP-50N
1 m (l)
× 7.3 mm (t)
PFP-100N
1 m (l)
× 16 mm (t)
PFP-100N2
Noise Filter
for 3- to 50-W models
S82Y-JF3-N
for 90-W and 100-W models
S82Y-JF6-N


Similar Part No. - S82K-00724

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
   DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K-00724

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com