Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-761X Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # 5082-761X
Description  7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5082-761X Datasheet(HTML) 4 Page - Broadcom Corporation.

  5082-761X Datasheet HTML 1Page - Broadcom Corporation. 5082-761X Datasheet HTML 2Page - Broadcom Corporation. 5082-761X Datasheet HTML 3Page - Broadcom Corporation. 5082-761X Datasheet HTML 4Page - Broadcom Corporation. 5082-761X Datasheet HTML 5Page - Broadcom Corporation. 5082-761X Datasheet HTML 6Page - Broadcom Corporation. 5082-761X Datasheet HTML 7Page - Broadcom Corporation. 5082-761X Datasheet HTML 8Page - Broadcom Corporation. 5082-761X Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Broadcom
AV02-2550EN
4
5082-761x/-762x/-765x/-766x Series,
HDSP-360x/-460x/-E15x Series Data Sheet
7.6 mm (0.3 inch)/10.9 mm (0.43 inch)
Seven-Segment Displays
Internal Circuit Diagram
Absolute Maximum Ratings
Description
AlGaAs Red
HDSP-E150
Series
HER 5082-
7610/7650
Series
Yellow 5082-
7620/7660
Series
Green HDSP-
3600/4600
Series
Units
Average Power per Segment or DP
96
105
80
105
mW
Peak Forward Current per Segment or DP
160a
a. See Figure 1 to establish pulsed conditions.
90b
b. See Figure 6 to establish pulsed conditions.
60c
c. See Figure 7 to establish pulsed conditions.
90d
d. See Figure 8 to establish pulsed conditions.
mA
DC Forward Current per Segment or DP
40e
e. Derate above 46°C at 0.54 mA/°C.
30f
f. Derate above 53°C at 0.45 mA/°C.
20g
g. Derate above 81°C at 0.52 mA/°C.
30h
h. Derate above 39°C at 0.37 mA/°C.
mA
Operating Temperature Range
–20 to +100i
i. For operation below -20°C, contact your local Broadcom components sales office or an authorized distributor.
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltagej per Segment or DP
j. Reverse voltage is for LED testing purposes and is not recommended to be used as application condition.
3.0V
V
Wave Soldering Temperature for 3s
(1.59 mm [0.063 in.] below Body)
250
°C


Similar Part No. - 5082-761X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-761X HP-5082-761X Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X HP-5082-761X Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results

Similar Description - 5082-761X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com