Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7115 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # SAA7115
Description  PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7115 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button SAA7115 Datasheet HTML 79Page - NXP Semiconductors SAA7115 Datasheet HTML 80Page - NXP Semiconductors SAA7115 Datasheet HTML 81Page - NXP Semiconductors SAA7115 Datasheet HTML 82Page - NXP Semiconductors SAA7115 Datasheet HTML 83Page - NXP Semiconductors SAA7115 Datasheet HTML 84Page - NXP Semiconductors SAA7115 Datasheet HTML 85Page - NXP Semiconductors SAA7115 Datasheet HTML 86Page - NXP Semiconductors SAA7115 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 214 page
background image
Confidential - NDA required
page 83
Filename:
SAA7115_Datasheet.fm
Last edited by H. Lambers
Philips Semiconductors
CVIP2
Date:
10/23/01
CS-PD Hamburg
Datasheet
SAA7115
Version:
0.67
Table 28 Programming examples for audio master clock generation (no CGC2 support)
8.7.1.2
Signals ASCLK and ALRCLK
Two binary divided signals ASCLK and ALRCLK are provided for slower serial digital audio signal transmission and for
channel-select. The frequencies of these signals are defined by the following parameters:
• SDIV[5:0] 38H[5:0] according to the equation:
• LRDIV[5:0] 39H[5:0] according to the equation:
See Table 29 for examples.
XTALO
(MHz)
FIELD
(Hz)
ACPF
ACNI
DECIMAL
HEX
DECIMAL
HEX
AMCLK = 256
× 48 kHz (12.288 MHz)
32.11
50
245760
3C000
3210190
30FBCE
59.94
205005
320CD
3210190
30FBCE
24.576
50
−−−−
59.94
−−−−
AMCLK = 256
× 44.1 kHz (11.2896 MHz)
32.11
50
225792
37200
2949362
2D00F2
59.94
188348
2DFBC
2949362
2D00F2
24.576
50
225792
37200
3853517
3ACCCD
59.94
188348
2DFBC
3853 517
3ACCCD
AMCLK = 256
× 32 kHz (8.192 MHz)
32.11
50
163840
28000
2140127
20A7DF
59.94
136670
215DE
2140127
20A7DF
24.576
50
163840
28000
2796203
2AAAAB
59.94
136670
215DE
2796203
2AAAAB
f
ASCLK
f
AMXCLK
SDIV
1
+
() 2
×
--------------------------------------
=
SDIV[5:0]
f
AMXCLK
2f
ASCLK
--------------------
1
=
f
ALRCLK
f
ASCLK
LRDIV
2
×
---------------------------
=
LRDIV[5:0]
f
ASCLK
2f
ALRCLK
-----------------------
=


Similar Part No. - SAA7115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com