Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSBL-12-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RSBL-12-S
Description  Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSBL-12-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RSBL-12-S Datasheet HTML 1Page - List of Unclassifed Manufacturers RSBL-12-S Datasheet HTML 2Page - List of Unclassifed Manufacturers RSBL-12-S Datasheet HTML 3Page - List of Unclassifed Manufacturers RSBL-12-S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSB RELAYS
3/4
SHINMEI ELECTRIC CO., LTD.
[]
Products Line (1 coil latching , High sensitive type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Set voltage
(VDC)
Reset voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSBK-3-S
3
50
60
5.8
RSBK-5-S
5
139
36
9.8
RSBK-6-S
6
200
30
11.8
RSBK-9-S
9
450
20
17.7
RSBK-12-S
12
800
15
23.6
RSBK-24-S
24
3,200
7.5
47.2
RSBK-48-S
48
70%
Max .of
nominal
voltage
70%
Min .of
nominal
voltage
12,800
3.8
180
94.4
[]
Typical Specifications
Item
Specifications
Arrangement
2c
Initial contact resistance max.
Max. 50 milliohm
Contact
Material
Silver alloy, gold clad
Nominal switching Capacity
2A30VDC , 1A125VAC*
Max .switching power
60W, 125VA
Max .switching voltage
220VDC, 250VAC
Rating
Max .switching current
2A
Initial insulation resistance
Min.100 megohm (at 500VDC)
Between open
contacts
AC1,000V (1 minute)
Withstanding
voltage (Initial)
Between contacts
and coil
AC1,500V (1 minute)
Standard type
Max.40 degree Celsius
Coil Temperature
rise(at nominal
Voltage)
High sensitive type
Max.30 degree Celsius
Operate time(Set & Reset time)
(at nominal voltage)
Max.5msec
Electrical specification
Release time(at nominal voltage)
Max.3.5msec
Functional
Min.392m/s2 (40G)
Shock
resistance
Destruction
Min.980 m/s2 (100G)
Functional
10 to 55Hz at double amplitude of 1.5mm
Mechanical
specification
Vibration
resistance
Destruction
10 to 55Hz at double amplitude of 1.5mm
Mechanical life
100,000,000 Operations(at 600cpm)
Life expectancy
Electrical life(at rating)
300,000 operations (2A30VDC, 1A125VAC)
1000,000 operations(1A30VDC, 0.5A125VAC)
(at 20cpm)
Ambient temperature
Operating
-40 to +70 degree Celsius
(without being frozen)
Unit weight
Approx.4.5g
*These AC ratings are under random phase-control. In driving AC load, life expectancy so greatly depends on the phase at
turning on or off so that user should check selected relays with actual load


Similar Part No. - RSBL-12-S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
RSBL-12-S SHINMEI-RSBL-12-S Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
More results

Similar Description - RSBL-12-S

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
RSB SHINMEI-RSB Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
logo
PIC GmbH
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
   Permanent Magnet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com