Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6236 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6236
Description  Powerblock Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6236 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6236 Datasheet HTML 1Page - NTE Electronics NTE6236 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specifications (Cont’d):
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum I2t for Fusing
I2t
t = 10ms
Sinusoidal Half Wave, 100% VRRM
°
174
kA2s
t = 8.3ms
Reapplied, Initial TJ = +150°C
159
kA2s
t = 10ms
Sinusoidal Half Wave, No Voltage
°
246
kA2s
t = 8.3ms
Reapplied, Initial TJ = +150°C
225
kA2s
Maximum I2
pt
I2
pt
t = 0.1 to 10ms, no voltage reapplied
2460
kA2
pt
Threshold Voltage, Low level
VF(TO)1 TJ = +150°C, (16.7% x π x IT(AV) < I < π x IT(AV))
0.79
V
Threshold Voltage, High level
VF(TO)2 TJ = +150°C, (π x IT(AV) < I < 20 x π x IT(AV))
0.92
V
Forward Slope Resistance, Low Level
rf1
TJ = +150°C, (16.7% x π x IT(AV) < I < π x IT(AV))
0.63
m
Forward Slope Resistance, High Level
rf2
TJ = +150°C, (π x IT(AV) < I < 20 x π x IT(AV))
0.49
m
Maximum Forward Voltage Drop
VFM
TJ = +25°C, IFM = π x IF(AV),
Av. Power = VF(TO) x IT(AV) + rf x (IF(RMS))2
1.29
V
Circuit Diagram
AC
+
1.120 (28.0)
1.970
(50.0)
1.500
(38.0)
2.010
(51.0)
1.380
(35.0)
M8 x 1.25 Screw
(3 Places)
.240 (6.0)
.240 (6.0)
.350 (9.0)
3.150 (80.0)
4.530 (115.0)
3.620 (92.0)
1.260
(32.0)
.790
(20.0)
.390
(10.0)
K2
G2
G1
K1
AC
+


Similar Part No. - NTE6236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE6230 NTE-NTE6230 Datasheet
47Kb / 2P
   Powerblock Modules
NTE6232 NTE-NTE6232 Datasheet
27Kb / 2P
   Powerblock Module
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
   Powerblock Module
More results

Similar Description - NTE6236

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5726 NTE-NTE5726 Datasheet
30Kb / 3P
   Powerblock Module
NTE6232 NTE-NTE6232 Datasheet
27Kb / 2P
   Powerblock Module
NTE5728 NTE-NTE5728 Datasheet
30Kb / 3P
   Powerblock Module
NTE6234 NTE-NTE6234 Datasheet
24Kb / 2P
   Powerblock Module
NTE5708 NTE-NTE5708 Datasheet
24Kb / 2P
   Powerblock Modules
NTE5710 NTE-NTE5710 Datasheet
47Kb / 2P
   Powerblock Modules
NTE5740 NTE-NTE5740 Datasheet
26Kb / 2P
   Powerblock Modules 3 Phase Bride Modules
logo
Infineon Technologies A...
PB34 INFINEON-PB34 Datasheet
111Kb / 2P
   Gate Leads for PowerBLOCK Modules
2016-09-15 Revision: 3.3
logo
Astrodyne Corporation
PWB ASTRODYNE-PWB Datasheet
514Kb / 3P
   PowerBlock Micro-Miniature Modular Switching Power Supplies
logo
NTE Electronics
NTE5744 NTE-NTE5744 Datasheet
24Kb / 2P
   Powerblock Modules 3 Phase Bride Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com