Electronic Components Datasheet Search |
|
RS204 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RS204 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page SINGLE PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts RS201 THRU RS207 CURRENT 2.0 Ampere FEATURES RS-2 • UL recognized under component index, file Number E127707 • High forward surge current capability • High temperature soldering guaranteed: 260OC / 10 seconds MECHANICAL DATA • Case: Transfer molded plastic • Terminal: Lead solderable per MIL-STD-202E method 208C • Polarity: Polarity symbols marked on case • Mounting: any • Weight: 0.069 ounce, 1.95 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS • Ratings at 25OC ambient temperature unless otherwise specified • Single Phase, half wave, 60Hz, resistive or inductive load • For capacitive load derate current by 20% SYMBOLS RS201 RS202 RS203 RS204 RS205 RS206 RS207 UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Current, At TC = 50OC (Note 1) I(AV) 2.0 Amps Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) IFSM 50 Amps Rating for Fusing (t<8.3mS) I2t 10 A2s Maximum Instantaneous Forward Voltage drop per Bridge element 1.0A VF 1.0 Volts 10 µA Maximum DC Reverse Current at Rated TA = 25 OC DC Blocking Voltage per element TA = 100 OC IR 0.5 mA Typical Junction Capacitance (Measured at 1.0MHz and applied reverse voltage of 4.0V) CJ 20 pF Typical Thermal Resistance (Note 1) RθJc 28 OC/W Operating Junction Temperature Range TJ (-65 to +150) OC Storage Temperature Range TSTG (-65 to +150) OC Notes: 1. Unit mounted on PC board with 0.47” x 0.47” (12mm x 12mm) copper pads, 0.375 (9.5mm) lead length. Sep-03, Rev A Micro Electronic Instrument Inc. |
Similar Part No. - RS204 |
|
Similar Description - RS204 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |