Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D15G10D08B000 Datasheet(PDF) 47 Page - Epson Company

Part # S1D15G10D08B000
Description  LCD drivers equipped with the liquid crystal drive power circuit
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D15G10D08B000 Datasheet(HTML) 47 Page - Epson Company

Back Button S1D15G10D08B000 Datasheet HTML 43Page - Epson Company S1D15G10D08B000 Datasheet HTML 44Page - Epson Company S1D15G10D08B000 Datasheet HTML 45Page - Epson Company S1D15G10D08B000 Datasheet HTML 46Page - Epson Company S1D15G10D08B000 Datasheet HTML 47Page - Epson Company S1D15G10D08B000 Datasheet HTML 48Page - Epson Company S1D15G10D08B000 Datasheet HTML 49Page - Epson Company S1D15G10D08B000 Datasheet HTML 50Page - Epson Company S1D15G10D08B000 Datasheet HTML 51Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
S1D15G10D08B000
44
EPSON
Rev. 1.0
Table 11.2
Item
Symbol
Condition
Standard value
Unit Applicable
Min.
Typ.
Max.
pin
Input voltage to primary
VDD2
––
2.6
––
3.6
V
VDD
booster circuit
Output voltage from
VOUT
Double boosting,
5.2
––
7.2
V
VOUT
primary booster circuit
no load
Primary booster circuit
Rout
Double boosting,
––
400
––
VOUT
output impedance
VDD=2.7V, C=2.2
µF
Reference voltage
VREG
Ta=25
°C
1.16
1.20
1.24
V
*7
Voltage adjusting
V1
no load
3.0
––
5.25
V
V2
circuit output voltage
Secondary boosting
V3
8.0
––
14.0
V
V3
output voltage
Secondary step-down
MV3
–7.0
––
–4.0
V
MV3
output voltage
600
500
400
300
200
100
0
45678
V2 voltage [V]
Horizontal stripe per 4 dots
Display RAM all “0”
Condition: VDD = 2.75V, VDDI = 1.8V, frame frequency 180Hz
During display, built-in power supply and external oscillation.
Typical value when Ta = 25
°C
Fig. 11.1 Dynamic current consumption (During display, liquid crystal drive voltage dependent)


Similar Part No. - S1D15G10D08B000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1D15605 ETC2-S1D15605 Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
S1D15605D00B ETC2-S1D15605D00B Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
S1D15605D01B ETC2-S1D15605D01B Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
S1D15605D02B ETC2-S1D15605D02B Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
S1D15605D11B ETC2-S1D15605D11B Datasheet
573Kb / 87P
   Single-chip dot matrix liquid crystal display drivers
More results

Similar Description - S1D15G10D08B000

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM1621 BOOKLY-BM1621 Datasheet
775Kb / 9P
   32x4 lattice liquid crystal display drive circuit
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
   Liquid Crystal Display Drivers
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
   Liquid Crystal Display Drivers
logo
STMicroelectronics
HCC4054B STMICROELECTRONICS-HCC4054B Datasheet
334Kb / 15P
   LIQUID-CRYSTAL DISPLAY DRIVERS
logo
Texas Instruments
MM5452 TI1-MM5452 Datasheet
636Kb / 13P
[Old version datasheet]   Liquid Crystal Display Drivers
CD4054B TI-CD4054B Datasheet
311Kb / 6P
[Old version datasheet]   CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI1-CD4054B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com