Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ3064-12A84 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PZ3064-12A84
Description  64 macrocell CPLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3064-12A84 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PZ3064-12A84 Datasheet HTML 2Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 3Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 4Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 5Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 6Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 7Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 8Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 9Page - NXP Semiconductors PZ3064-12A84 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
Product specification
PZ3064
64 macrocell CPLD
1997 Mar 05
86
Simple Timing Model
Figure 4 shows the CoolRunner
™ Timing Model. The CoolRunner™
timing model looks very much like a 22V10 timing model in that
there are three main timing parameters, including tPD, tSU, and tCO.
In other competing architectures, the user may be able to fit the
design into the CPLD, but is not sure whether system timing
requirements can be met until after the design has been fit into the
device. This is because the timing models of competing
architectures are very complex and include such things as timing
dependencies on the number of parallel expanders borrowed,
sharable expanders, varying number of X and Y routing channels
used, etc. In the XPLA
™ architecture, the user knows up front
whether the design will meet system timing requirements. This is
due to the simplicity of the timing model. For example, in the
PZ3064 device, the user knows up front that if a given output uses
5 product terms or less, the tPD = 10ns, the tSU_PAL = 6ns, and the
tCO = 7ns. If an output is using 6 to 37 product terms, an additional
2ns must be added to the tPD and tSU timing parameters to account
for the time to propagate through the PLA array.
TotalCMOS
™ Design Technique
for Fast Zero Power
Philips is the first to offer a TotalCMOS
™ CPLD, both in process
technology and design technique. Philips employs a cascade of
CMOS gates to implement its Sum of Products instead of the
traditional sense amp approach. This CMOS gate implementation
allows Philips to offer CPLDs which are both high performance and
low power, breaking the paradigm that to have low power, you must
have low performance. Refer to Figure 5 and Table 2 showing the IDD
vs. Frequency of our PZ3064 TotalCMOS
™ CPLD.
OUTPUT PIN
INPUT PIN
SP00441
tPD_PAL = COMBINATORIAL PAL ONLY
tPD_PLA = COMBINATORIAL PAL + PLA
CLOCK
OUTPUT PIN
INPUT PIN
DQ
REGISTERED
tSU_PAL = PAL ONLY
tSU_PLA = PAL + PLA
REGISTERED
tCO
Figure 4.
CoolRunner
™ Timing Model
TYPICAL
IDD
(mA)
FREQUENCY (MHz)
SP00460A
0
20
40
60
80
100
0
20
40
60
80
100
Figure 5.
IDD vs. Frequency @ VDD = 3.3V, 25°C
Table 2. IDD vs. Frequency
VDD = 3.3V
FREQUENCY (MHz)
0
20
40
60
80
100
Typical IDD ( mA)
0.04
13
26
40
50
63


Similar Part No. - PZ3064-12A84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10A44 PHILIPS-PZ3032-10A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10BC PHILIPS-PZ3032-10BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12A44 PHILIPS-PZ3032-12A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12BC PHILIPS-PZ3032-12BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
More results

Similar Description - PZ3064-12A84

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Microchip Technology
ATF1504ASV MICROCHIP-ATF1504ASV Datasheet
1Mb / 30P
   ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com