Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FDC6324L Datasheet(PDF) 3 Page - ON Semiconductor

Part No. FDC6324L
Description  Integrated Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FDC6324L Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Electrical Characteristics
(T
A = 25
O
C unless otherwise noted )
Figure 1. V
DROP Versus IL at VIN=12V.
Figure 2. V
DROP Versus IL at VIN=5.0V.
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
L
T = 125°C
J
T = 25°C
J
V
= 12V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
(A)
L
V
= 5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
T = 25°C
J
T = 125°C
J
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
V
(V)
IN
T
= 125°C
J
T
= 25°C
J
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
Figure 3. V
DROP Versus VIN at IL=1A.
0
1
2
3
4
5
0.15
0.2
0.25
0.3
0.35
0.4
0.45
I
, (A)
L
T
= 125°C
J
T
= 25°C
J
I
= 1A
V
= 5V
PW =300us, D
≤ 2%
IN
L
Figure 4. R
(ON) Versus IL at VIN=5.0V.
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
V
, (V)
IN
T = 125°C
J
T = 25°C
J
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
Figure 5. On Resistance Variation with
Input Voltage.
www.onsemi.com
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn