Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FDC6324L Datasheet(PDF) 4 Page - ON Semiconductor

Part No. FDC6324L
Description  Integrated Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

FDC6324L Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 6. Switching Variation with R2 at
Vin=12V and R1=300KOhm.
Figure 7. Switching Variation with R2 at
Vin=5V and R1=300KOhm.
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
Vin = 3.3V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
td(on)
tr
td(off)
tf
0
20
40
60
80
100
0
20
40
60
80
100
120
R2 (KOhm)
Vin = 12V
5V
3.3V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
td(on)
tr
td(off)
tf
Vin = 12V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
0
20
40
60
80
100
0
100
200
300
400
500
R2 (KOhm)
Vin = 5V
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
td(on)
tr
td(off)
tf
Figure 8. Switching Variation with R2 at
Vin=3.3V and R1=300KOhm.
Figure 9. % of Current Overshoot Variation
with Vin and R2 .
0
20
40
60
80
100
0
400
800
1,200
1,600
2,000
R2 (KOhm)
IL = 1A
Von/off = 5V
R1 = 300KOhm
Ci = 10uF
Co = 1uF
Vin = 3.3V
5V
12V
Figure 10. Vdrop Variation with Vin and R2 .
Typical Electrical Characteristics
(T
A = 25
O
C unless otherwise noted )
Figure 11. Switching Waveforms.
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH
www.onsemi.com
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn