Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07H0608M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA07H0608M
Description  MITSUBISHI RF MOSFET MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H0608M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA07H0608M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H0608M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI RF MOSFET MODULE
RA07H0608M
68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/MOBILE RADIO
RA07H0608M
MITSUBISHI ELECTRIC
25 April 2003
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA07H0608M is a 7-watt RF MOSFET Amplifier Module
for 12.5-volt mobile radios that operate in the 68- to 88-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the drain
and the RF input signal attenuates up to 60 dB. The output power
and drain current increase as the gate voltage increases. With a
gate voltage around 4V (minimum), output power and drain current
increases substantially. The nominal output power becomes
available at 4.5V (typical) and 5V (maximum). At VGG=5V, the
typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>7W @ VDD=12.5V, VGG=5V, Pin=30mW
η
T>38%
@ Pout=7W (VGG control), VDD=12.5V, Pin=30mW
• Broadband Frequency Range: 68-88MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 30 x 10 x 5.4 mm
• Linear operation is possible by setting the quiescent drain current
with the gate voltage and controlling the output power with the
input power
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA07H0608M-E01
RA07H0608M-01
(Japan - packed without desiccator)
Antistatic tray,
25 modules/tray
BLOCK DIAGRAM
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
3
2
4
1
5
PACKAGE CODE: H46S


Similar Part No. - RA07H0608M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
150Kb / 9P
   68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M-101 MITSUBISHI-RA07H0608M-101 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M-101 MITSUBISHI-RA07H0608M-101 Datasheet
150Kb / 9P
   68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07H0608M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M Datasheet
61Kb / 8P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M3340M MITSUBISHI-RA07M3340M Datasheet
67Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
61Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com