Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE622 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE622
Description  Silicon Rectifier, General Purpose, High Voltage, Fast Recovery (Surface Mount)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE622 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE622
Silicon Rectifier, General Purpose, High Voltage,
Fast Recovery
(Surface Mount)
Features:
D High Temperature Metallurgically Bonded
D Glass Passivated Junction
D High Temperature Soldering Guaranteed:
+450
°C/5 Seconds at Terminals. Complete Device Submersible Temperature of
+260
°C/10 Seconds in Solder Bath.
Maximum Ratings and Electrical Characteristics: (TA = +25°C unless otherwise specified.
60Hz, resistive or inductive load. For capacitive load, derate current by 20%.)
Maximum Recurrent Peak Reverse Voltage, VRRM
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum RMS Voltage, VRMS
280V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum DC Blocking Voltage, VDC
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Average Forward Rectified Current (TT = +75°C), IT(AV)
0.5A
. . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Surge Current, IFSM
(8.3ms Single Half Sine–Wave Superimposed on Rated Load)
10A
. . . . . . . . . . . . . . . . . . . .
Maximum Instantaneous Forward Voltage (IT = 0.5A), VF
1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum DC Reverse Current (VDC = 400V), IR
TA = +25°C
5
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = +125°C
50
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Reverse Recovery Time (TJ = +25°C, Note 1), trr
50ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Junction Capacitance (Note 2), CJ
4pF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Terminal (Note 3), RthJL
70
°C/W
. . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Ambient (Note 4), RthJA
150
°C/W
. . . . . . . . . . . . . . . . .
Note 1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A..
Note 2. Measured at 1MHz and applied reverse voltage of 4VDC.
Note 2. Thermal resistance, junction–to–terminal, 5.0mm2 copper pads to each terminal.
Note 3. Thermal resistance, junction–to–ambient, 5.0mm2 copper pads to each terminal.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn