Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KV11P64M75 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KV11P64M75
Description  Kinetis V Series KV10 and KV11, 128/64 KB Flash
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KV11P64M75 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KV11P64M75 Datasheet HTML 9Page - NXP Semiconductors KV11P64M75 Datasheet HTML 10Page - NXP Semiconductors KV11P64M75 Datasheet HTML 11Page - NXP Semiconductors KV11P64M75 Datasheet HTML 12Page - NXP Semiconductors KV11P64M75 Datasheet HTML 13Page - NXP Semiconductors KV11P64M75 Datasheet HTML 14Page - NXP Semiconductors KV11P64M75 Datasheet HTML 15Page - NXP Semiconductors KV11P64M75 Datasheet HTML 16Page - NXP Semiconductors KV11P64M75 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Table 5. KV11x power consumption operating behaviors (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
• at 85 °C
• at 105 °C
15.1
16
IDD_VLLS1 Very-Low-Leakage Stop mode 1 current at 3.0
V
• -40°C to 25°C
• at 50°C
• at 70°C
• at 85°C
• at 105°C
0.8
1.2
2.2
4.0
9.4
1.2
1.4
2.7
5.1
11.8
μA
IDD_VLLS0 Very-Low-Leakage Stop mode 0 current
(SMC_STOPCTRL[PORPO] = 0) at 3.0 V
• -40 °C to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
0.279
0.638
1.63
3.4
8.9
0.386
0.854
2.2
4.5
11.2
μA
IDD_VLLS0 Very-Low-Leakage Stop mode 0 current
(SMC_STOPCTRL[PORPO] = 1) at 3.0 V
• -40 °C to 25 °C
• at 50 °C
• at 70 °C
• at 85 °C
• at 105 °C
0.098
0.448
1.4
3.19
8.47
0.452
0.674
1.9
4.3
10.6
μA
2
1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device.
See each module's specification for its supply current.
2. No brownout
Table 6. Low power mode peripheral adders — typical value
Symbol
Description
Temperature (°C)
Unit
-40
25
50
70
85
105
IIREFSTEN4MHz
4 MHz internal reference clock (IRC)
adder. Measured by entering STOP or
VLPS mode with 4 MHz IRC enabled.
56
56
56
56
56
56
µA
IIREFSTEN32KHz
32 kHz internal reference clock (IRC)
adder. Measured by entering STOP
mode with the 32 kHz IRC enabled.
52
52
52
52
52
52
µA
Table continues on the next page...
General
Kinetis V Series KV10 and KV11, 128/64 KB Flash, Rev. 4, 05/2017
13
NXP Semiconductors


Similar Part No. - KV11P64M75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KV10P48M75 NXP-KV10P48M75 Datasheet
1,008Kb / 53P
   Kinetis V Series KV10, 32/16 KB Flash
Rev 4, 02/2015
logo
Altech corporation
KV10X38 ALTECH-KV10X38 Datasheet
2Mb / 14P
   Extended/Direct Handle Motor Disconnect Switch
KV10X38CC ALTECH-KV10X38CC Datasheet
2Mb / 14P
   Extended/Direct Handle Motor Disconnect Switch
logo
Lumberg
KV120 LUMBERG-KV120 Datasheet
359Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
KV120-8 LUMBERG-KV120-8 Datasheet
345Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - KV11P64M75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K02P64M100SFA NXP-K02P64M100SFA_V01 Datasheet
889Kb / 65P
   Kinetis K02 64 KB/128 KB Flash
Rev. 5, 11/2023
KV30P64M100SFA NXP-KV30P64M100SFA Datasheet
771Kb / 61P
   Kinetis KV30F 64 KB/128 KB Flash
Rev. 4, 02/2016
K02P64M100SFA NXP-K02P64M100SFA Datasheet
754Kb / 61P
   Kinetis K02 64 KB/128 KB Flash
Rev. 4, 08/2016
KV10P48M75 NXP-KV10P48M75 Datasheet
1,008Kb / 53P
   Kinetis V Series KV10, 32/16 KB Flash
Rev 4, 02/2015
K22P64M120SF8 NXP-K22P64M120SF8 Datasheet
902Kb / 69P
   Kinetis K22F 128 KB/256 KB Flash 64-pin WLCSP
Rev. 7, 08/2016
MKL28Z512VXX7 NXP-MKL28Z512VXX7 Datasheet
1Mb / 83P
   Kinetis KL28Zxxx with 512 KB Flash and 128 KB SRAM
Rev. 3, 09/2020
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
K22P121M120SF8 NXP-K22P121M120SF8 Datasheet
959Kb / 76P
   Kinetis K22F 256 KB Flash
Rev. 7, 08/2016
KV31P100M120SF8 NXP-KV31P100M120SF8 Datasheet
825Kb / 64P
   Kinetis KV31F 256 KB Flash
Rev. 7, 02/2016
KL03P24M48SF0 NXP-KL03P24M48SF0 Datasheet
1Mb / 59P
   Kinetis KL03 32 KB Flash
Rev. 5.1 08/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com