Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4043S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PS4043S
Description  Phison flash memory controller PS4043S
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS4043S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PS4043S Datasheet HTML 5Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 6Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 7Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 8Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 9Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 10Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 11Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 12Page - List of Unclassifed Manufacturers PS4043S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Phison Electronics Corporation
2F, RiteKom Building, No.669, Sec 4, Chung Hsing Road, Chutung, Hsinchu, Taiwan 310,
R.O.C.
Tel:+886-3-583-3899
Fax:+886-3-583-3666
Page 7
DCC.: S-05007
F. Pin Assignment and Description
PS4043S LGA Top View:
F1. Pin Description of Power Setting Diagram ( flash voltage 2.7V ~ 3.6V )
V18_PAD
VCCK(1.8V)
VCCA
PS4043
DV_CARD_PAD
GND
GNDA
VDD(3.3V)
VCCAH
VCC3IO
VCC_HOST
FLASH
VCC
VCC_HOST
*VCC_HOST:HOST supply voltage
1
2
3
4
A
B
C
D
E
F
G
H
J
K
L
M
N


Similar Part No. - PS4043S

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PS404 SJM-PS404 Datasheet
360Kb / 6P
   CATV Amplifier
More results

Similar Description - PS4043S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2251-33 ETC2-PS2251-33 Datasheet
1Mb / 19P
   Phison Electronics Corporation USB 2.0 Flash Controller Specification
14-Jan-2009 Version 1.2
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Silicon Motion Technolo...
SM3257 SILICONMOTION-SM3257 Datasheet
343Kb / 1P
   USB2.0 Flash Memory Controller
2011
logo
SONiX Technology Compan...
SN11085 SONIX-SN11085 Datasheet
229Kb / 16P
   SN11085 USB1.1 Flash memory Controller
logo
Taiwan Memory Technolog...
EV368 TMT-EV368 Datasheet
91Kb / 1P
   eV368 SuperSpeed Flash Memory Controller
logo
List of Unclassifed Man...
WT65F1 ETC2-WT65F1 Datasheet
144Kb / 8P
   USB Keyboard Controller (Flash Memory Type)
SPC122A ETC-SPC122A Datasheet
243Kb / 20P
   SOUND CONTROLLER WITH 128KB FLASH MEMORY
logo
SONiX Technology Compan...
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
   Third Generation USB1.1 Flash Memory Controller
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
   Second Generation USB1.1 Flash Memory Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com