Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC913 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 50Page - NXP Semiconductors P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors P89LPC913 Datasheet HTML 54Page - NXP Semiconductors P89LPC913 Datasheet HTML 55Page - NXP Semiconductors P89LPC913 Datasheet HTML 56Page - NXP Semiconductors P89LPC913 Datasheet HTML 57Page - NXP Semiconductors P89LPC913 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
54 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 15:
AC characteristics (P89LPC912, P89LPC913)
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
(nominal f = 7.3728 MHz) trimmed
to
±1 % at Tamb =25 °C
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal Watchdog oscillator
frequency (nominal f = 400 kHz)
320
520
320
520
kHz
Crystal oscillator
fosc
oscillator frequency
[2] 0
18
-
-
MHz
tCLCL
clock cycle
see Figure 29
55
-
--ns
fCLKP
CLKLP active frequency
0
8
-
-
MHz
Glitch filter
glitch rejection, P1.5/RST pin
-
50
-
50
ns
signal acceptance, P1.5/RST pin
125
-
125
-
ns
glitch rejection, any pin except
P1.5/RST
-
15
-
15
ns
signal acceptance, any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
HIGH time
see Figure 29
22
tCLCL − tCLCX
22
-
ns
tCLCX
LOW time
see Figure 29
22
tCLCL − tCHCX
22
-
ns
tCLCH
rise time
see Figure 29
-5
-
5
ns
tCHCL
fall time
see Figure 29
-5
-
5
ns
SPI interface
fSPI
Operating frequency
3.0 MHz (Slave)
0
CCLK
6
0
3
MHz
4.5 MHz (Master)
-
CCLK
4
-
4.5
MHz
tSPICYC
Cycle time
see Figure 24,
25, 26, 27
3.0 MHz (Slave)
6
CCLK
-
333
-
ns
4.5 MHz (Master)
4
CCLK
-
222
-
ns


Similar Part No. - P89LPC913

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC913 NXP-P89LPC913 Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC913FDH NXP-P89LPC913FDH Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
More results

Similar Description - P89LPC913

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com