Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV320BTI-70G Datasheet(PDF) 1 Page - Macronix International

Part # MX29LV320BTI-70G
Description  32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320BTI-70G Datasheet(HTML) 1 Page - Macronix International

  MX29LV320BTI-70G Datasheet HTML 1Page - Macronix International MX29LV320BTI-70G Datasheet HTML 2Page - Macronix International MX29LV320BTI-70G Datasheet HTML 3Page - Macronix International MX29LV320BTI-70G Datasheet HTML 4Page - Macronix International MX29LV320BTI-70G Datasheet HTML 5Page - Macronix International MX29LV320BTI-70G Datasheet HTML 6Page - Macronix International MX29LV320BTI-70G Datasheet HTML 7Page - Macronix International MX29LV320BTI-70G Datasheet HTML 8Page - Macronix International MX29LV320BTI-70G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
1
P/N:PM0742
REV. 1.4, JUL. 04, 2003
MX29LV320T/B
32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE
3VONLYFLASHMEMORY
FEATURES
GENERAL FEATURES
• 4,194,304 x 8 / 2,097,152 x 16 switchable
• Sector Structure
- 8K-Byte x 8 and 64K-Byte x 63
• Extra 64K-Byte sector for security
- Features factory locked and identifiable, and cus-
tomer lockable
• Twenty-Four Sector Groups
- Provides sector group protect function to prevent pro-
gram or erase operation in the protected sector group
- Provides chip unprotect function to allow code chang-
ing
- Provides temporary sector group unprotect function
for code changing in previously protected sector groups
• Single Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program opera-
tions
• Latch-up protected to 250mA from -1V to Vcc + 1V
• Low Vcc write inhibit is equal to or less than 1.4V
• Compatible with JEDEC standard
- Pinout and software compatible to single power sup-
ply Flash
PERFORMANCE
• High Performance
- Fast access time: 70/90/120ns
- Fast program time: 7us/word typical utilizing acceler-
ate function
- Fast erase time: 1.6s/sector, 112s/chip (typical)
• Low Power Consumption
- Low active read current: 10mA (typical) at 5MHz
- Low standby current: 200nA (typical)
• Minimum 100,000 erase/program cycle
• 10-year data retention
SOFTWARE FEATURES
• Erase Suspend/ Erase Resume
- Suspends sector erase operation to read data from
or program data to another sector which is not being
erased
• Status Reply
- Data polling & Toggle bits provide detection of pro-
gram and erase operation completion
• Support Common Flash Interface (CFI)
HARDWARE FEATURES
• Ready/Busy (RY/BY) Output
- Provides a hardware method of detecting program
and erase operation completion
• Hardware Reset (RESET) Input
- Provides a hardware method to reset the internal state
machine to read mode
• WP/ACC input pin
- Provides accelerated program capability
PACKAGE
• 48-Pin TSOP
• 48-Ball CSP
GENERAL DESCRIPTION
The MX29LV320T/B is a 32-mega bit Flash memory or-
ganized as 4M bytes of 8 bits and 2M words of 16 bits.
MXIC's Flash memories offer the most cost-effective and
reliable read/write non-volatile random access memory.
The MX29LV320T/B is packaged in 48-pin TSOP and
48-ball CSP. It is designed to be reprogrammed and
erased in system or in standard EPROM programmers.
The standard MX29LV320T/B offers access time as fast
as 70ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the MX29LV320T/B has separate chip enable (CE) and
output enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29LV320T/B uses a command register to manage
this functionality.
MXIC Flash technology reliably stores memory
contents even after 100,000 erase and program
cycles. The MXIC cell is designed to optimize the
erase and program mechanisms. In addition, the
combination of advanced tunnel oxide processing
and low internal electric fields for erase and
programming operations produces reliable cycling.


Similar Part No. - MX29LV320BTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320AB MCNIX-MX29LV320AB Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70 MCNIX-MX29LV320ABTC-70 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70G MCNIX-MX29LV320ABTC-70G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90 MCNIX-MX29LV320ABTC-90 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90G MCNIX-MX29LV320ABTC-90G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV320BTI-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com