Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP803TX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP803TX
Description  Hi-Reliability NPN Sil icon Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP803TX Datasheet(HTML) 2 Page - OPTEK Technologies

  OP803TX Datasheet HTML 1Page - OPTEK Technologies OP803TX Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
@TOPICS =
Types OP803TX/TXV, OP804TX/TXV, OP805TX/TXV
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IC(on)
On-State Collector Current
OP803TX,TXV
OP804TX,TXV
OP805TX,TXV
4.0
7.0
15.0
8.0
22.0
mA
mA
mA
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
ICEO
Collector-Emitter Dark Current
100
100
nA
µA
VCE = 10.0 V, Ee = 0
VCE = 10.0 V, Ee = 0, TA = 100
o C
V(BR)CBO
Collector-Base Breakdown Voltage
30
V
IC = 100
µA, IE = 0, Ee = 0
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA, IB = 0, Ee = 0
V(BR)EBO
Emitter-Base Breakdown Voltage
5.0
V
IE = 100
µA, IC = 0, Ee = 0
VCE(SAT)
Collector-Emitter Saturation Voltage
0.40
V
IC = 0.4 mA, Ee = 5.0 mW/cm
2(3)
tr
Rise TimeOP804TX,TXV
OP805TX,TXV
10.0
15.0
µs
VCC = 30 V, IC = 1.00 mA,
RL = 100
tf
Fall TimeOP804TX,TXV
OP805TX,TXV
10.0
15.0
µs
(3) Light source is an unfiltered tungsten lamp operated at a temperature of 2870 K.
13-35


Similar Part No. - OP803TX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP803TX TTELEC-OP803TX Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP803TXV TTELEC-OP803TXV Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
More results

Similar Description - OP803TX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP602TX OPTEK-OP602TX Datasheet
231Kb / 2P
   Hi- Reliability NPN Silicon Phototransistors
logo
TT Electronics.
OP602TX TTELEC-OP602TX Datasheet
646Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP804TX TTELEC-OP804TX Datasheet
579Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP604ESA-XN OPTEK-OP604ESA-XN Datasheet
231Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
TT Electronics.
OP803TX TTELEC-OP803TX Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP604 OPTEK-OP604_14 Datasheet
206Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
Vectron International, ...
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
logo
Siemens Semiconductor G...
SFH609 SIEMENS-SFH609 Datasheet
167Kb / 4P
   HIGH RELIABILITY PHOTOTRANSISTOR OPTOCOUPLER
logo
TT Electronics.
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com