Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLB-310-T1 Datasheet(PDF) 4 Page - RF Micro Devices

Part # NLB-310-T1
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310-T1 Datasheet(HTML) 4 Page - RF Micro Devices

  NLB-310-T1 Datasheet HTML 1Page - RF Micro Devices NLB-310-T1 Datasheet HTML 2Page - RF Micro Devices NLB-310-T1 Datasheet HTML 3Page - RF Micro Devices NLB-310-T1 Datasheet HTML 4Page - RF Micro Devices NLB-310-T1 Datasheet HTML 5Page - RF Micro Devices NLB-310-T1 Datasheet HTML 6Page - RF Micro Devices NLB-310-T1 Datasheet HTML 7Page - RF Micro Devices NLB-310-T1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-142
NLB-310
Rev A6 040409
Typical Bias Configuration
Application notes related to biasing circuit, device footprint, and thermal considerations are available on request.
Recommended Bias Resistor Values
Supply Voltage, VCC (V)
8
10
12
15
20
Bias Resistor, RCC (Ω)
60
100
140
200
300
C block
1
3
4
2
C block
In
Out
L choke
(optional)
R
CC
V
CC
V
DEVICE


Similar Part No. - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
More results

Similar Description - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com