Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL6448BC33-53 Datasheet(PDF) 10 Page - NEC

Part # NL6448BC33-53
Description  TFT COLOR LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL6448BC33-53 Datasheet(HTML) 10 Page - NEC

Back Button NL6448BC33-53 Datasheet HTML 6Page - NEC NL6448BC33-53 Datasheet HTML 7Page - NEC NL6448BC33-53 Datasheet HTML 8Page - NEC NL6448BC33-53 Datasheet HTML 9Page - NEC NL6448BC33-53 Datasheet HTML 10Page - NEC NL6448BC33-53 Datasheet HTML 11Page - NEC NL6448BC33-53 Datasheet HTML 12Page - NEC NL6448BC33-53 Datasheet HTML 13Page - NEC NL6448BC33-53 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
NL6448BC33-53
PRELIMINARY DATA SHEET DOD-M- 1309 (2nd edition)
10
4.3.3 Power supply voltage ripple
This product works, even if the ripple voltage levels are beyond the permissible values as following
the table, but there might be noise on the display image.
Parameter
Power supply voltage
Ripple voltage
Note1
(Measure at input terminal of power supply)
Unit
3.3 V
≤ 100
mVp-p
VCC
5.0 V
≤ 100
mVp-p
Note1: The permissible ripple voltage includes spike noise.
4.3.4 Fuse
Fuse
Parameter
Type
Supplier
Rating
Fusing current
Remarks
TBD
VCC
TBD
TBD
TBD
TBD
Note1
Note1: The power supply capacity should be more than the fusing current. If the power supply
capacity is less than the fusing current, the fuse may not blow for a short time, and then
nasty smell, smoking and so on may occur.


Similar Part No. - NL6448BC33-53

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC33-54 NEC-NL6448BC33-54 Datasheet
226Kb / 28P
   TFT COLOR LCD MODULE
More results

Similar Description - NL6448BC33-53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com