Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5214 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5214
Description  2-in-1 Notebook DDR Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5214 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5214 Datasheet HTML 1Page - ON Semiconductor NCP5214 Datasheet HTML 2Page - ON Semiconductor NCP5214 Datasheet HTML 3Page - ON Semiconductor NCP5214 Datasheet HTML 4Page - ON Semiconductor NCP5214 Datasheet HTML 5Page - ON Semiconductor NCP5214 Datasheet HTML 6Page - ON Semiconductor NCP5214 Datasheet HTML 7Page - ON Semiconductor NCP5214 Datasheet HTML 8Page - ON Semiconductor NCP5214 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP5214
http://onsemi.com
2
VDDQEN
VDDQEN
VTTEN
VTTEN
FPWM
FPWM
SS
CSS
PGOOD
5VCC
VTT
VTT
COUT2
Ceramic
22
mF x2
0.9 V, 2.4 Apk
VTT
VTT
VTT
FBVTT
VTTGND
VCCA
5VCC
DDQREF
AGND
RL1
OCDDQ
BOOST
VCCP
TGDDQ
M1
SWDDQ
M2
PGND1
COMP
FBDDQ
CZ1
RZ1
CP1
CZ2
RZ2
R1
R2
VTTI
BGDDQ
VDDQ
1.8 V, 10 A
L
1.8
mH
VIN
5 V to 24 V
(Battery/
Adapter)
5VCC
NCP5214
Figure 1. Typical Application Diagram
PWRGD
COUT1
POSCAP
150
mF x2
VTTREF
VREF
0.9 V, 15 mA
CL1


Similar Part No. - NCP5214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214 ONSEMI-NCP5214 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5214AMNR2G ONSEMI-NCP5214AMNR2G Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
More results

Similar Description - NCP5214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5218 ONSEMI-NCP5218 Datasheet
453Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
January, 2007 ??Rev. 0
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5203 ONSEMI-NCP5203 Datasheet
69Kb / 10P
   2-in-1 DDR Power Controller
January, 2005 ??Rev. 1
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com