Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-302 Datasheet(PDF) 6 Page - RF Micro Devices

Part # NBB-302
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-302 Datasheet(HTML) 6 Page - RF Micro Devices

  NBB-302 Datasheet HTML 1Page - RF Micro Devices NBB-302 Datasheet HTML 2Page - RF Micro Devices NBB-302 Datasheet HTML 3Page - RF Micro Devices NBB-302 Datasheet HTML 4Page - RF Micro Devices NBB-302 Datasheet HTML 5Page - RF Micro Devices NBB-302 Datasheet HTML 6Page - RF Micro Devices NBB-302 Datasheet HTML 7Page - RF Micro Devices NBB-302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-14
NBB-302
Rev A5 050414
Tape and Reel Dimensions
All Dimensions in Millimeters
A
D
B
F
T
O
S
330 mm (13") REEL
Micro-X, MPGA
SYMBOL
SIZE (mm)
ITEMS
SIZE (inches)
FLANGE
B
T
F
330 +0.25/-4.0
18.4 MAX
12.4 +2.0
Diameter
Thickness
Space Between Flange
13.0 +0.079/-0.158
0.724 MAX
0.488 +0.08
HUB
O
S
A
102.0 REF
13.0 +0.5/-0.2
1.5 MIN
Outer Diameter
Spindle Hole Diameter
Key Slit Width
D
20.2 MIN
Key Slit Diameter
4.0 REF
0.512 +0.020/-0.008
0.059 MIN
0.795 MIN
PIN 1
User Direction of Feed
Ao = 3.6 MM
Bo = 3.6 MM
Ko = 1.7 MM
NOTES:
1. 10 sprocket hole pitch cumulative tolerance ±0.2.
2. Camber not to exceed 1 mm in 100 mm.
3. Material: PS+C
4. Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket.
5. Ko measured from a plane on the inside bottom of the pocket to the surface of the carrier.
6. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
All dimensions in mm
SECTION A-A
R0.3 MAX.
Ko
0.30 ± 0.05
5.50 ± 0.05
See Note 6 12.00
± 0.30
1.75
A
A
R0.5 TYP
1.5 MIN.
Bo
Ao
8.0
2.00 ± 0.05
See Note 6
4.0
See Note 1
+0.1
-0.0
1.5


Similar Part No. - NBB-302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
189Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-302 RFMD-NBB-302 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
NBB-302 RFMD-NBB-302 Datasheet
319Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-302 RFMD-NBB-302 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302-E RFMD-NBB-302-E Datasheet
189Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results

Similar Description - NBB-302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB_312 QORVO-NBB_312 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310 RFMD-NBB-310_13 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com