Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N150X4-L05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # N150X4-L05
Description  TYPE 15.0 XGA COLOR TFT/LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N150X4-L05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  N150X4-L05 Datasheet HTML 1Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 2Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 3Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 4Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 5Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 6Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 7Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 8Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
1.0 Handling Precautions
O If any signals or power lines deviate from the power on/off sequence, it may cause shorten the life of the
LCD module.
O The LCD panel and the CFL are made of glass and may break or crack if dropped on a hard surface, so
please handle them with care.
O CMOS ICs are included in the LCD panel. They should be handled with care, to prevent electrostatic
discharge.
O Do not press the reflector sheet at the LCD module to any directions.
O Do not stick the adhesive tape on the reflector sheet at the back of the LCD module.
O Please handle with care when mount in the system cover. Mechanical damage for lamp cable/lamp
connector may cause safety problems.
O Small amount of materials having no flammability grade is used in the LCD module. The LCD module
should be supplied by power complied with requirements of Limited Power Source (2.5, IEC60950 or
UL60950), or be applied exemption conditions of flammability requirements (4.7.3.4, IEC60950 or
UL60950) in an end product.
O The LCD module is designed so that the CFL in it is supplied by Limited Current Circuit (2.4, IEC60950 or
UL60950).
O The fluorescent lamp in the liquid crystal display(LCD) contains mercury. Do not put it in trash that is
disposed of in landfills. Dispose of it as required by local ordinances or regulations.
O Never apply detergent or other liquid directly to the screen.
O Wipe off water drop immediately. Long contact with water may cause discoloration or spots.
O When the panel surface is soiled, wipe it with absorbent cotton or other soft cloth; do not use solvents or
abrasives.
O Do not touch the front screen surface in your system, even bezel.
O Gently wipe the covers and the screen with a soft cloth.
The information contained herein may be changed without prior notice. It is therefore
advisable to contact International Display Technology before proceeding with the design of
equipment incorporating this product.
O
The information contained herein is presented only as a guide for the applications of our
products. No responsibility is assumed by International Display Technology for any
infringements of patents or other right of the third partied which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of International
Display Technology or others.
O
Engineering Specification
(C) Copyright International Display Technology 2002 All Rights reserved.
February 03,2003
OEM N150X4-L05-01
4/29


Similar Part No. - N150X4-L05

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
N150X4-L01 INTERPOINT-N150X4-L01 Datasheet
131Kb / 29P
   Engineering Specification Type 15.0 XGA Color TFT/LCD Module
More results

Similar Description - N150X4-L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
M150XN07V2 ETC2-M150XN07V2 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
Interpoint Corporation ...
N150X4-L01 INTERPOINT-N150X4-L01 Datasheet
131Kb / 29P
   Engineering Specification Type 15.0 XGA Color TFT/LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
B150XG02V4 AUO-B150XG02V4 Datasheet
661Kb / 36P
   15.0inch XGA Color TFT-LCD Module
G150XG01V.0 AUO-G150XG01V.0 Datasheet
278Kb / 28P
   15.0inch XGA Color TFT-LCD Module
B141XG03 AUO-B141XG03 Datasheet
534Kb / 23P
   14.1 inch XGA Color TFT LCD Module
logo
Purdy Electronics Corpo...
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB-KIT PURDY-ANDPSI104EA5S-4HB-KIT Datasheet
458Kb / 10P
   10.4??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com