Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N150X4-L05 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # N150X4-L05
Description  TYPE 15.0 XGA COLOR TFT/LCD MODULE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N150X4-L05 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button N150X4-L05 Datasheet HTML 14Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 15Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 16Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 17Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 18Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 19Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 20Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 21Page - List of Unclassifed Manufacturers N150X4-L05 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
5.4.2 LVDS Receiver Internal Circuit
The following figure shows the internal block diagram of the LVDS receiver. This LCD module equips termination
resistors for LVDS link.
5.4.3 Recommended Guidelines for Motherboard PCB Design and Cable Selection
Following the suggestions below will help to achieve optimal results.
O Use controlled impedance media for LVDS signals. They should have a matched differential
impedance of 100 ohm.
O Match electrical lengths between traces to minimize signal skew.
O Isolate TTL signals from LVDS signals.
O For cables, twisted pair, twin, or flex circuit with close coupled differential traces are recommended.
Engineering Specification
(C) Copyright International Display Technology 2002 All Rights reserved.
February 03,2003
OEM N150X4-L05-01
18/29


Similar Part No. - N150X4-L05

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
N150X4-L01 INTERPOINT-N150X4-L01 Datasheet
131Kb / 29P
   Engineering Specification Type 15.0 XGA Color TFT/LCD Module
More results

Similar Description - N150X4-L05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
M150XN07V2 ETC2-M150XN07V2 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
Interpoint Corporation ...
N150X4-L01 INTERPOINT-N150X4-L01 Datasheet
131Kb / 29P
   Engineering Specification Type 15.0 XGA Color TFT/LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
B150XG02V4 AUO-B150XG02V4 Datasheet
661Kb / 36P
   15.0inch XGA Color TFT-LCD Module
G150XG01V.0 AUO-G150XG01V.0 Datasheet
278Kb / 28P
   15.0inch XGA Color TFT-LCD Module
B141XG03 AUO-B141XG03 Datasheet
534Kb / 23P
   14.1 inch XGA Color TFT LCD Module
logo
Purdy Electronics Corpo...
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB-KIT PURDY-ANDPSI104EA5S-4HB-KIT Datasheet
458Kb / 10P
   10.4??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com