Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC81416 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC81416
Description  16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC81416 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC81416 Datasheet HTML 18Page - Texas Instruments DAC81416 Datasheet HTML 19Page - Texas Instruments DAC81416 Datasheet HTML 20Page - Texas Instruments DAC81416 Datasheet HTML 21Page - Texas Instruments DAC81416 Datasheet HTML 22Page - Texas Instruments DAC81416 Datasheet HTML 23Page - Texas Instruments DAC81416 Datasheet HTML 24Page - Texas Instruments DAC81416 Datasheet HTML 25Page - Texas Instruments DAC81416 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
DAC81416, DAC71416, DAC61416
SLASEO0 – JULY 2018
www.ti.com
Product Folder Links: DAC81416 DAC71416 DAC61416
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.6 Register Maps
Table 4 lists the memory-mapped registers for the device. All register offset addresses not listed in Table 4
should be considered as reserved locations and the register contents should not be modified.
Table 4. DACx1416 Registers
Offset
Acronym
Register Name
Section
00h
NOP
DACx1416 Register
Go
01h
DEVICEID
DACx1416 Register
Go
02h
STATUS
DACx1416 Register
Go
03h
SPICONFIG
DACx1416 Register
Go
04h
GENCONFIG
DACx1416 Register
Go
05h
BRDCONFIG
DACx1416 Register
Go
06h
SYNCCONFIG
DACx1416 Register
Go
07h
TOGGCONFIG0
DACx1416 Register
Go
08h
TOGGCONFIG1
DACx1416 Register
Go
09h
DACPWDWN
DACx1416 Register
Go
0Ah
DACRANGEn
DACx1416 Register
Go
Eh
TRIGGER
DACx1416 Register
Go
Fh
BRDCAST
DACx1416 Register
Go
10h
DACn
DACx1416 Register
Go
20h
OFFSETn
DACx1416 Register
Go
Complex bit access types are encoded to fit into small table cells. Table 5 shows the codes that are used for
access types in this section.
Table 5. Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default value
Register Array Variables
i,j,k,l,m,n
When these variables are used in a register name,
an offset, or an address, they refer to the value of a
register array where the register is part of a group
of repeating registers. The register groups form a
hierarchical structure and the array is represented
with a formula.
y
When this variable is used in a register name, an
offset, or an address it refers to the value of a
register array.


Similar Part No. - DAC81416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416RHAR TI1-DAC81416RHAR Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416RHAT TI1-DAC81416RHAT Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results

Similar Description - DAC81416

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
[Old version datasheet]   8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
[Old version datasheet]   Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
[Old version datasheet]   DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
[Old version datasheet]   DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC61401 TI1-DAC61401 Datasheet
3Mb / 51P
[Old version datasheet]   DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
   16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com