Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-3220 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ASSR-3220
Description  General-Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10廓)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASSR-3220 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ASSR-3220 Datasheet HTML 1Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 2Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 3Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 4Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 5Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 6Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 7Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 8Page - Broadcom Corporation. ASSR-3220 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
Broadcom
AV02-0260EN
September 15, 2017
Description
The Broadcom® ASSR-32xx Series consists of an AlGaAs
infrared light-emitting diode (LED) input stage optically
coupled to a high-voltage output detector circuit. The
detector consists of a high-speed photovoltaic diode array
and driver circuitry to switch on/off two discrete high voltage
MOSFETs. The relay turns on (contact closes) with a
minimum input current of 3 mA through the input LED. The
relay turns off (contact opens) with an input voltage of 0.8V
or less.
The single channel configurations, ASSR-3210 and
ASSR-3211, are equivalent to 1 Form A Electromechanical
Relays (EMR), and the dual channel configuration, ASSR-
3220, is equivalent to 2 Form A EMR. They are available in
4-pin SO, 6-pin DIP, 8-pin DIP and Gull Wing Surface Mount
for DIP packages. Their electrical and switching
characteristics are specified over the temperature range of
–40°C to +85°C. They are used for general purpose
switching of signals and low power AC/DC loads.
ASSR-3211 enables AC/DC and DC-only output
connections. For DC-only connection, the output current, Io,
increases to 0.4A and the on-resistance, R(ON) reduces to
2.5
.
CAUTION! It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
Features
Compact solid-state bidirectional signal switch
Single and dual channel normally-off Single-Pole-
Single-Throw (SPST) relay
250V output withstand voltage
0.2A or 0.4A current rating (See schematic for
ASSR-3211 connections A and B.)
Low input current: CMOS compatibility
Low on-resistance:
– 2Ω typical for DC-only
– 8Ω typical for AC/DC
High speed switching:
– 0.25 ms (TON), 0.02 ms (TOFF) typical
High transient immunity: >1 kV/μs
High input-to-output insulation voltage (safety and
regulatory approvals)
– 3750 Vrms for 1 min per UL1577
– CSA component acceptance
Applications
Telecommunication switching
Data communications
Industrial controls
Medical
Security
EMR/Reed Relay replacement
ASSR-3210, ASSR-3211, ASSR-3220
General-Purpose, Form A, Solid State Relay
(Photo MOSFET) (250V/0.2A/10Ω)


Similar Part No. - ASSR-3220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-3220 AVAGO-ASSR-3220 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
More results

Similar Description - ASSR-3220

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-3211-501E AVAGO-ASSR-3211-501E Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (250V/0.2A/10??
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-1410 BOARDCOM-ASSR-1410 Datasheet
693Kb / 16P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1廓)
ASSR-4110 BOARDCOM-ASSR-4110 Datasheet
984Kb / 18P
   General-Purpose, Form A, Solid State Relay (Photo MOSFET) (400V/0.12A/25廓)
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-1410 AVAGO-ASSR-1410 Datasheet
196Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET) (60V/0.6A/1??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com